Electronic Components Datasheet Search
  English  ▼

X  

86115D2 Datasheet(PDF) 16 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 16 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 12Page - Keysight Technologies 86115D2 Datasheet HTML 13Page - Keysight Technologies 86115D2 Datasheet HTML 14Page - Keysight Technologies 86115D2 Datasheet HTML 15Page - Keysight Technologies 86115D2 Datasheet HTML 16Page - Keysight Technologies 86115D2 Datasheet HTML 17Page - Keysight Technologies 86115D2 Datasheet HTML 18Page - Keysight Technologies 86115D2 Datasheet HTML 19Page - Keysight Technologies 86115D2 Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode and multimode optical/electrical (Continued)
Multiple and single-mode
optical/electrical modules
86105C
86105D
86105D Option 281
86115D Option
002, 102, 142 1
86115D Option
004, 104, 144 1
Electrical channel specifications
Electrical channel bandwidth
12.4 and 20 GHz
25 and 35 GHz
25 and 35 GHz
Transition time (10 to 90% calculated
from TR = 0.35/BW)
28.2 ps (12.4 GHz)
14 ps (25 GHz)
12 ps (25 GHz)
17.5 ps (20 GHz)
10 ps (35 GHz)
7 ps (50 GHz)
RMS noise
Characteristic
0.25 mV (12.4 GHz)
0.25 mV (25 GHz)
0.25 mV (25 GHz)
0.5 mV (20 GHz)
0.5 mV (35 GHz)
0.6 mV (50 GHz)
Maximum
0.5 mv (12.4 GHz)
0.5 mV (25 GHz)
0.5 mV (25 GHz)
1 mV (20 GHz)
1 mV (35 GHz)
1 mV (50 GHz)
Scale factor (per division)
Minimum
1 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale ± 2 mV ± 1.5% of (reading-channel offset), 12.4 GHz
± 0.4% of full scale ± 2 mV ± 3% of (reading-channel offset), 20 GHz
DC offset range (referenced to center
of screen)
± 500 mV
Input dynamic range (relative to
channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 30 ps rise time)
5%
Electrical input
3.5 mm (male)
2.4 mm (male)
1. Options 102 and 104 do not include filters for 14.025 Gb/s. Options 142 and 144 include filters for 14.025 Gb/s and no other rates.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com