Electronic Components Datasheet Search
  English  ▼

X  

86115D2 Datasheet(PDF) 34 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 34 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 29Page - Keysight Technologies 86115D2 Datasheet HTML 30Page - Keysight Technologies 86115D2 Datasheet HTML 31Page - Keysight Technologies 86115D2 Datasheet HTML 32Page - Keysight Technologies 86115D2 Datasheet HTML 33Page - Keysight Technologies 86115D2 Datasheet HTML 34Page - Keysight Technologies 86115D2 Datasheet HTML 35Page - Keysight Technologies 86115D2 Datasheet HTML 36Page - Keysight Technologies 86115D2 Datasheet HTML 37Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
34 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Infiniimax I connectivity kits (popular collections of the above
probe heads)
E2669A
InfiniiMax connectivity kit for differential measurements
E2668A
InfiniiMax connectivity kit for single-ended measurements
Infiniimax II active probes (10 to 13 GHz)
Note: The N1022B probe adapter is required to use these probes with
the 86100 DCA
Infiniimax II probe amplifiers
Note: Order 1 or more Infiniimax II probe heads for each amplifier.
Infiniimax I probe heads and connectivity kits can also be used but
will have limited bandwidth
1168A
10 GHz probe amp
1169A
13 GHz probe amp
Infiniimax II probe heads
N5380A
InfiniiMax II 12 GHz differential SMA adapter
N5381A
InfiniiMax II 12 GHz solder-in probe head
N5382A
InfiniiMax II 12 GHz differential browser
Infiniimax III active probes (16 to 30 GHz)
Note: The N5477A probe adapter is required to use these probes with
the 86100 DCA
Infiniimax III probe amplifiers
N2800A
16 GHz probe amp
N2801A
20 GHz probe amp
N2802A
25 GHz probe amp
N2803A
30 GHz probe amp
Infiniimax III probe heads
N5439A
ZIF probe head
N5440A
450 Ω ZIF tip
N5447A
200 Ω ZIF tip
N5444A
2.92 mm/3.5 mm/SMA
N5448A
2.92 mm extension cables
N5441A
Solder-in probe head
N5445A
Browser probe head
www.keysight.com/find/infiniimax3
Ordering Information (Continued)
Probe adapters
N5477A
Sampling scope adapter. Adapts the Infiniimax III system
probes to the 86100 Infiniium DCA
N1022B
Adapts 113x/115x/116x active probes to 86100 Infiniium
DCA
The N1022A/B and N5477A adapters are powered by connecting it to the
built-in probe power connector available on some DCA modules or to an
external probe power supply. On modules that do not have a built-in probe
power connector, use an 1143A external power supply. It is recommended
to order option 001 on the 1143A, which provides a 5-foot power
extension cable (01143-61602). The 1143A power supply can power two
probes. The N1022A/B and N5477A adapters are compatible with male
3.5 mm NMD bulkhead inputs. Insert an 85130-60010 2.4 mm female
NMD to 3.5 mm male NMD adapter in order to use them for 2.4 mm NMD
bulkhead inputs.
Connectivity solutions
For a wide range of test adapters to connect to one or more lanes for
SFP+, QSFP+, fibre channel, PCIe and many others, please see adapters
information from Wilder Technologies at:
http://www.wilder-tech.com/
Call Keysight for connectivity and probing solutions not listed above.
Firmware and software
Firmware and software upgrades are available through the Web or your
local sales office.
www.keysight.com/find/dcax
N1010A FlexDCA Remote Access Software FlexDCA Pro runs on the
86100D as well as on a PC or laptop. Software licenses allow connectivity
to an 86100C or D mainframe, advanced analysis or productivity
packages, and more.
http://www.keysight.com/find/flexdca_download
FlexDCA express is the same as FlexDCA Pro except that it does not
included any functionality requiring a license. It is available free of charge
from
http://www.keysight.com/find/flexdca_express
86100D DCA-X brochure
For more information on the features and benefits of the 86100D DCA-X
and DCA modules, download the 86100D DCA-X brochure. Go to:
www.keysight.com and search on 5989-5822EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com