Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3041 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Functional Block Diagram
CT
OV
UVLO
EN
VIN
VCC
OUT
GND
FLAG
FB
SS/COMP
SC
CS
RT
GND
5
4
3
2
15
9
10
12
1
14
13
11
8
7
16
8
6
BANDGAP
1.25V
EN
REFERENCE
3V
300mV
1.25V
10 A
10 A
2.25V
OVP
FAULT
OTSD
OSC
CLK
SAW
OVP
300mV
1.25V
SCP
EA
PWM
SAW
1.75V
LEB
OCP
500mV
CLK
R
S
Q
DRIVE
LOGIC
PWM
FAULT
Figure 3. Functional Block Diagram of AP3041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com