Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics (Continued)
VCC=12V, VEN=3.3V, TA=25ºC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Limit Threshold Voltage
VCS
0.48
0.5
0.52
V
RT Voltage
VRT
1.20
1.25
1.30
V
Error Amplifier Voltage Gain
GV
680
V /V
Error Amplifier Transconductance
GS
500
μA /V
EN Pin Threshold Voltage
VEH
2.5
V
VEL
0.5
PWM Pin Threshold Voltage
VIH
2.5
V
VIL
0.5
OV Threshold
VOV
2.25
V
OV Hysteresis Current Source
IOV-HYS
10
μA
LED- Short to GND Detection Level
VFB_LOW
0.3
V
LED+ Short to LED-Detection Level
VFB_HIGH
1.25
V
LED+ Short to GND Detection Level
VOV_LOW
0.3
V
Diode Short Detection Level
VCS_HIGH
1.75
V
CT Current Source
ICT
5
μA
CT Threshold Voltage
VCT
2.6
V
Maximum Duty Cycle
DMAX
f=200kHz
80
90
%
Soft-start Current Source
ISS
16
22
28
μA
OUT Pin Rising Time
tRISE
COUT=1nF
20
ns
OUT Pin Falling Time
tFALL
COUT =1nF
20
OUT High Voltage Level (VCC-VOUT)
VOUT-H
IOUT=50mA
0.25
0.75
V
OUT Low Voltage Level (VOUT)
VOUT-L
IOUT=50mA
0.25
0.75
V
FAULT Pin Rising Time
tRISE
CFAULT=1nF
100
ns
FAULT Pin Falling Time
tFALL
CFAULT=1nF
100
FAULT High Voltage Level
(VCC-VFAULT)
VFAULT_H
IFAULT=10mA
0.25
0.75
V
FAULT Low Voltage Level
VFAULT_L
IFAULT=10mA
0.25
0.75
V
FAULT Minimum Pulse Width
tD
Oscillator
Frequency=200kHz
20
μs
FLAG High Voltage Level
VFLAG-H
IFLAG=500μA
2
V
FLAG Low Voltage Level
VFLAG-L
IFLAG=500μA
0.25
0.75
V
Thermal Shutdown Temperature
TOTSD
160
ºC
Thermal Shutdown Hysteresis
THYS
20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com