Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
10
-75
-50
-25
0
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
Temperature (
OC)
Rising
Falling
-75
-50
-25
0
25
50
75
100
125
150
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
Temperature (
OC)
V
IN
=12V
-75
-50
-25
0
25
50
75
100
125
150
0.26
0.28
0.30
0.32
0.34
0.36
Temperature (
OC)
V
IN
=12V
-75
-50
-25
0
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
Temperature (
OC)
V
IN
=12V
Rising
Falling
Typical Performance Characteristics (Continued)
Figure 12. EN Threshold Voltage vs. Temperature
Figure 13. PWM Threshold Voltage vs. Temperature
Figure 14. OV Threshold Voltage vs. Temperature
Figure 15. FB Low Threshold Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com