Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3041 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3041 is a current mode high voltage low-side
channel MOSFET controller, which is ideal for boost
regulators. It contains all the features needed to
implement single-ended primary topology DC/DC
converters.
The input voltage of AP3041 ranges from 5V to 27V.
Its operation frequency is adjustable from 100kHz to
1MHz.
The AP3041 has UVLO (Under Voltage Lock Out)
circuit. It uses two external resistors to set the UVLO
voltage. The AP3041 also has an over output voltage
protection to limit the output voltage. The OVP
voltage can be set through external resistors. If the
output voltage is higher than the OVP high threshold
point, it will disable the driver and the system is
latched up. The output short circuit protection as well
as LED low side short to ground detection function
can be applied in system.
The AP3041 has other protection functions, such as
LED short protection, LED high side short to ground
protection, diode short protection, over current
protection, over temperature protection and so on.
The AP3041 is available in SOIC-16 package.
Features
•
Input Voltage Range: 5V to 27V
•
1A Peak and 10V MOSFET Gate Driver
•
20ns Quick MOSFET Gate Driver
•
Duty Cycle Limit of 90%
•
Programmable UVLO
•
PWM Dimming Control
•
Programmable Over Voltage Protection
•
LED Open Protection
•
LED Short Circuit Protection
•
Diode Short Circuit Protection
•
Output Short Circuit Protection
•
LED Low-side Short to Ground Detection
•
OV Pin Under Voltage Protection
•
Over Current Protection
•
Programmable Slope Compensation
•
Adjustable Soft-start
•
Adjustable Protection Delay
•
Fault Status Indication
•
Adjustable Operation Frequency from 100kHz to
1MHz
•
Over Temperature Protection
Applications
•
LED Lighting
•
LED TV
•
LCD Display Modules
Figure 1. Package Type of AP3041
SOIC-16


Similar Part No. - AP3041

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3041 DIODES-AP3041 Datasheet
445Kb / 14P
BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
August 2019 Rev. 2 - 2
logo
Schneider Electric
AP30410 SCHNEIDER-AP30410 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
Jun 3, 2020
logo
Diodes Incorporated
AP3041MTR-G1 DIODES-AP3041MTR-G1 Datasheet
445Kb / 14P
BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
August 2019 Rev. 2 - 2
More results

Similar Description - AP3041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Rohm
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
White LED driver for medium sized and large sized LCD back light
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Rohm
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
logo
Diodes Incorporated
AP3041 DIODES-AP3041 Datasheet
445Kb / 14P
BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
August 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com