Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3041 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
3
Pin Description
Pin Number
Pin Name
Function
1
CT
Capacitor setting shut down delay time
2
OV
Over output voltage protection pin
3
UVLO
Two resistors connected from this pin to GND and the power
supply respectively are used to set start-up and shutdown level
4
EN
Enable pin
5
VIN
Input supply pin. This pin must be locally bypassed
6
VCC
This pin should be bypassed to GND with a ceramic capacitor
7
OUT
Connect this pin to the gate of external MOSFET, the gate driver
has 1A peak current capability
8
GND
Ground
9
FAULT
This pin can be used to drive the external MOSFET. The logic of
the driver signal is controlled by that of PWM pin and the signal
phase of them is the same. This pin is pulled to ground under fault
condition of OVP, UVLO, OTP, diode short circuit and LED
short circuit.
10
RT
An external resistor connected from this pin to GND is used to set
the operating frequency
11
CS
Sense switch current pin, which is used for current mode control
and for current limit. The current limit voltage is 500mV
12
SC
Slope compensation for current sense. A resistor between SC and
GND will program the slope compensation
13
SS/COMP
An external soft-start time capacitor is placed from this pin to
GND and is charged by an internal 20
μA current source to control
regulator soft-start time.
Compensation pin. This pin is the output of the internal error
amplifier.
14
FB
Voltage feedback pin. The reference voltage is 500mV
15
PWM
This pin can be connected to current matched chip and receives
error signal used to shut down the system
16
FLAG
Fault condition output pin. When the output is in short circuit
condition, the FLAG outputs logic low to shut down the power
path. Please refer to the application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com