Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3041 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
Ordering Information
AP3041
-
Circuit Type
G1: Green
Package
M: SOIC-16
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
SOIC-16
-40 to 85
°C
AP3041M-G1
AP3041M-G1
Tube
AP3041MTR-G1
AP3041M-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
30
V
VCC Pin Voltage
VCC
20
V
OUT Pin Voltage
VOUT
20
V
FAULT
Pin Voltage
VFAULT
20
V
FB Pin Voltage
VFB
20
V
UVLO Pin Voltage
VUVLO
7
V
CS Pin Voltage
VCS
20
V
SC Pin Voltage
VSC
7
V
FLAG Pin Voltage
VFLAG
7
V
SS/COMP Pin Voltage
VSS/COMP
7
V
RT Pin Voltage
VRT
7
V
PWM
Pin Voltage
VPWM
7
V
EN Pin Voltage
VEN
30
V
OV Pin Voltage
VOV
7
V
Thermal Resistance (Junction to
Ambient, No Heat Sink, Free Air)
θJA
82
ºC/W
Blank: Tube
TR: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com