Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
0
20
406080
100
0
20
40
60
80
100
120
140
PWM Duty (%)
V
IN
=12V, V
PWM
=5V
f
PWM
=70Hz
f
PWM
=200Hz
f
PWM
=500Hz
f
PWM
=1kHz
f
PWM
=2kHz
0
40
80
120
160
200
240
280
320
0
100
200
300
400
500
600
700
800
900
1000
R
T
(kΩ)
V
IN
=12V
-50
-25
0
25
50
75
100
125
150
0.46
0.48
0.50
0.52
0.54
Temperature (
oC)
V
IN
=12V
-75
-50
-25
0
25
50
75
100
125
150
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Temperature (
OC)
V
IN
=12V
V
IN
=24V
Typical Performance Characteristics
Figure 4. LED Current vs. PWM Duty
Figure 5. Frequency vs. RT
Figure 6. VFB vs. Temperature
Figure 7. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com