Electronic Components Datasheet Search
  English  ▼

X  

AP3041 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP3041
Description  Boost Controller for WLED Driver in Medium-sized LCD Panel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3041 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3041 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
Boost Controller for WLED Driver in Medium-sized LCD Panel
AP3041
Oct. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
11
-75
-50
-25
0
25
50
75
100
125
150
1.150
1.175
1.200
1.225
1.250
1.275
1.300
1.325
1.350
Temperature (
OC)
V
IN
=12V
-75
-50
-25
0
25
50
75
100
125
150
0.20
0.24
0.28
0.32
0.36
0.40
Temperature (
OC)
V
IN
=12V
-40
0
40
80
120
160
16
20
24
28
32
36
Temperature (
OC)
V
IN
=12V
V
IN
=24V
-40
0
40
80
120
160
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
Temperature (
OC)
V
IN
=12V
V
IN
=24V
Typical Performance Characteristics (Continued)
Figure 16. FB High Threshold Voltage vs. Temperature
Figure 17. OV Low Threshold Voltage vs. Temperature
Figure 18. Soft-start Current vs. Temperature
Figure 19.CT Charge Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com