Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1871 Datasheet HTML 2Page - Analog Devices AD1871 Datasheet HTML 3Page - Analog Devices AD1871 Datasheet HTML 4Page - Analog Devices AD1871 Datasheet HTML 5Page - Analog Devices AD1871 Datasheet HTML 6Page - Analog Devices AD1871 Datasheet HTML 7Page - Analog Devices AD1871 Datasheet HTML 8Page - Analog Devices AD1871 Datasheet HTML 9Page - Analog Devices AD1871 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1871
–6–
REV. 0
DATA INTERFACE TIMING (STANDALONE MODE–SLAVE)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBCH
BCLK High Width
30
ns
tBCL
BCLK Low Width
30
ns
tBDSD
DOUT Delay
20
ns
From BCLK Falling
tLRS
LRCLK Setup
10
ns
To BCLK Rising
tLRH
LRCLK Hold
5
ns
From BCLK Rising
tBDSD
BCLK
LRCLK
DOUT
LEFT-JUSTIFIED
MODE
DOUT
RIGHT-JUSTIFIED
MODE
LSB
DOUT
I2S-JUSTIFIED
MODE
tBCH
tDBP
tBCL
MSB
MSB–1
MSB
MSB
8-BIT CLOCKS
(24-BIT DATA)
12-BIT CLOCKS
(20-BIT DATA)
16-BIT CLOCKS
(16-BIT DATA)
tLRS
Figure 3. Slave Data Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com