Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1871 Datasheet HTML 10Page - Analog Devices AD1871 Datasheet HTML 11Page - Analog Devices AD1871 Datasheet HTML 12Page - Analog Devices AD1871 Datasheet HTML 13Page - Analog Devices AD1871 Datasheet HTML 14Page - Analog Devices AD1871 Datasheet HTML 15Page - Analog Devices AD1871 Datasheet HTML 16Page - Analog Devices AD1871 Datasheet HTML 17Page - Analog Devices AD1871 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD1871
–14–
REV. 0
DEVICE PERFORMANCE CURVES
FREQUENCY – Hz
5
0
0
–5
–10
–15
–20
–25
–30
510
15
20
TPC 7. High-Pass Filter Response, fS = 48 kHz
FREQUENCY – Hz
5
0
0
–5
–10
–15
–20
–25
–30
510
15
20
TPC 8. High-Pass Filter Response, fS = 96 kHz
kHz
0
–60
–120
–20
–40
–80
–100
–140
–160
–180
20
2
468
10
12
14
16
18
TPC 9. 1 kHz Tone at –0.5 dBFS, (32 k-Point FFT), fS = 48 kHz
kHz
0
–60
–120
–20
–40
–80
–100
–140
–160
–180
20
2
468
10
12
14
16
18
TPC 10. 1 kHz Tone at –20 dBFS, (32 k-Point FFT), fS = 48 kHz
kHz
0
–60
–120
–20
–40
–80
–100
–140
–160
–180
20
2
468
10
12
1416
18
TPC 11. 1 kHz Tone at –60 dBFS, (32 k-Point FFT),
fS = 48 kHz
dBr
–40
–70
–20
–30
–50
–60
–80
–90
–100
–15
–60 –55 –50 –45 –40 –35 –30 –25 –20
–10
–5
TPC 12. THD+N vs. Input Amplitude at 1 kHz, fS = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com