Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1871 Datasheet HTML 3Page - Analog Devices AD1871 Datasheet HTML 4Page - Analog Devices AD1871 Datasheet HTML 5Page - Analog Devices AD1871 Datasheet HTML 6Page - Analog Devices AD1871 Datasheet HTML 7Page - Analog Devices AD1871 Datasheet HTML 8Page - Analog Devices AD1871 Datasheet HTML 9Page - Analog Devices AD1871 Datasheet HTML 10Page - Analog Devices AD1871 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. 0
–7–
AD1871
DATA INTERFACE TIMING (CASCADE MODE–MASTER)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBCHDC
BCLK High Delay
20
ns
From MCLK Rising
tBCLDC
BCLK Low Delay
20
ns
From MCLK Falling
tBLRDC
LRCLK Delay
10
ns
From BCLK Rising
tBDDC
DOUT Delay
10
ns
From BCLK Rising
tBDIS
DIN Setup
10
ns
To BCLK Rising
tBDIH
DIN Hold
10
ns
From BCLK Rising
LRCLK
MCLK
DOU T
BCLK
tBCHDC
tBCLDC
tBLRDC
tBDDC
Figure 4. Master Cascade Interface Timing
DATA INTERFACE TIMING (CASCADE MODE–SLAVE)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBCHC
BCLK High Width
30
ns
tBCLC
BCLK Low Width
30
ns
tBDSDC
DOUT Delay
20
ns
From BCLK Rising
tLRSC
LRCLK Setup
10
ns
To BCLK Rising
tLRHC
LRCLK Hold
5
ns
From BCLK Rising
tBDIS
DIN Setup
10
ns
To BCLK Rising
tBDIH
DIN Hold
10
ns
From BCLK Rising
LRCLK
DOU T
BCLK
tLRSC
tBDSDC
tBCHC
tBCLC
tLRHC
Figure 5. Slave Cascade Interface Timing
DATA INTERFACE TIMING (MODULATOR MODE)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tMOCH
MODCLK High Width
MCLK
ns
tMOCL
MODCLK Low Width
MCLK
ns
tMHDD
MOD DATA High Delay
30
ns
From MCLK Rising
tMLDD
MOD DATA Low Delay
20
ns
From MCLK Falling
tMMDR
MODCLK Delay Rising
30
ns
MCLK Falling to MODCLK Rising
tMMDF
MODCLK Delay Falling
20
ns
MCLK Falling to MODCLK Falling
D[0 – 3 ]
MODCLK
tMHDD
tMOCH
tMOCL
tMLDD
Figure 6. Modulator Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com