Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1871 Datasheet HTML 7Page - Analog Devices AD1871 Datasheet HTML 8Page - Analog Devices AD1871 Datasheet HTML 9Page - Analog Devices AD1871 Datasheet HTML 10Page - Analog Devices AD1871 Datasheet HTML 11Page - Analog Devices AD1871 Datasheet HTML 12Page - Analog Devices AD1871 Datasheet HTML 13Page - Analog Devices AD1871 Datasheet HTML 14Page - Analog Devices AD1871 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. 0
AD1871
–11–
Pin Function Redefinition in External Control Mode
Pin
Input/
No.
Output
Mnemonic
Description
2I
256/512
Clock Rate Select. This pin is used to select between an MCLK of 256
fS (pin low) or
512
fS (pin high).
3I
DF0
Data Format Select 0. This pin is used as the low bit (DF0) of the data format selection
(see section on External Control).
4I
DF1
Data Format Select 1. This pin is used as the high bit (DF1) of the data format selection
(see section on External Control).
5I
M/S
Master/Slave Select. This pin is used to select between the Master (pin low) or Slave (pin
high) Modes.
Pin Function Redefinition in Modulator Mode
Pin
Input/
No.
Output
Mnemonic
Description
3O
MODCLK
This pin provides a clock output that allows the user to decode the left and right channel
modulator outputs. It is similar to a left/right clock but runs (nominally) at 5.6448 MHz
and gates a 4-bit modulator output word in each phase (see section on Modulator Mode).
25
O
D3
Bit 3 of the Modulator Output Word
26
O
D2
Bit 2 of the Modulator Output Word
27
O
D1
Bit 1 of the Modulator Output Word
28
O
D0
Bit 0 of the Modulator Output Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com