Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1871 Datasheet HTML 16Page - Analog Devices AD1871 Datasheet HTML 17Page - Analog Devices AD1871 Datasheet HTML 18Page - Analog Devices AD1871 Datasheet HTML 19Page - Analog Devices AD1871 Datasheet HTML 20Page - Analog Devices AD1871 Datasheet HTML 21Page - Analog Devices AD1871 Datasheet HTML 22Page - Analog Devices AD1871 Datasheet HTML 23Page - Analog Devices AD1871 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD1871
–20–
REV. 0
The SPI compatible control port features four signals (CCLK,
CLATCH, CDATA, and COUT). The CLATCH signal is an
enable line that must be low to allow communication to or from
the control port. The CCLK is the serial clock that clocks in
serial data via the CDATA pin and clocks out serial data via the
COUT pin. Figures 20 and 21 show details of the control port
timing.
Table II. Register Address Map
Address
Control Register
0000
Control Register I
0001
Control Register II
0010
Control Register III
0011
Peak Reading Register I
0100
Peak Reading Register II
DOU T
LRCLK
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
BCLK
DOU T
LEFT CH AN N EL
BCLK
MSB
MSB
–1
MSB
–2
LSB
+1
LSB
123
2 3
24
RI GH T CH AN N EL
123
2 3
2 4
MSB
MSB
–1
MSB
–2
LSB
+1
LSB
Figure 18. Cascade Mode Data Interface Timing
CI N
CLAT CH
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
CCLK
CI N
CCLK
MSB
MSB
–1
LSB
+1
LSB
Figure 19. Cascade Mode Control Port Timing
CONTROL/STATUS REGISTERS
The AD1871’s Operating Mode is set by programming three,
10-bit Control Registers via an SPI compatible port. Table III
details the format of the AD1871 control words, which are 16
bits wide with a 4-bit address field in Positions 15 through 12,
a Read/
Write Bit in Position 11, a Reserved Bit in Position 10,
and 10 bits of register data (corresponding to the control regis-
ter width) in Positions 9 through 0. The three control words
occupy Addresses 0000b through 0010b in the register map (see
Table II).
The AD1871 also features two readback (status) registers that
can be enabled to track the peak reading on each of the chan-
nels (left and right). These 6-bit results are read back via the
SPI compatible port in a 16-bit frame similar to that of the
control words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com