Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1871 Datasheet HTML 20Page - Analog Devices AD1871 Datasheet HTML 21Page - Analog Devices AD1871 Datasheet HTML 22Page - Analog Devices AD1871 Datasheet HTML 23Page - Analog Devices AD1871 Datasheet HTML 24Page - Analog Devices AD1871 Datasheet HTML 25Page - Analog Devices AD1871 Datasheet HTML 26Page - Analog Devices AD1871 Datasheet HTML 27Page - Analog Devices AD1871 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD1871
–24–
REV. 0
Peak Reading Registers
The Peak Reading Registers are read-only registers that can be
enabled to track-and-hold the peak ADC reading from each
channel. The peak reading feature is enabled by setting Bit PRE
in Control Register I. The peak reading value is contained in the
six LSBs of the 10-bit readback word. The result is binary coded
where each LSB is equivalent to –1 dBFS with all zeros cor-
responding to full scale (0 dBFS) and all ones corresponding
to –63 dBFS (see Table XVI). When Bit PRE is set, the peak
reading per channel is stored in the appropriate peak register.
Once the register is read, the register value is set to zero and is
updated by subsequent conversions.
Table XVI. Peak Reading Result Format
Code
AxP
5
4
3
2
1
0
Level
00
00
0
0
0 dBFS
00
00
0
1
–1 dBFS
00
00
1
0
–2 dBFS
11
1
110
–62 dBFS
11
1
111
–63 dBFS
A Peak Reading Register read cycle is detailed in Figure 21.
EXTERNAL CONTROL
The AD1871 can be configured for external hardware control of
a subset of the device functionality. This functionality includes
Master/Slave Mode select, MCLK select, and serial data
format select. External control is enabled by tying the XCTRL
Pin high as shown in Figure 22.
AD1871
XCTRL
VDD
Figure 22. External Control Configuration
Table XIV. Peak Reading Register I (Address 0011b, Read-Only)
15–12
11
10
9
87
6
5
432
10
0011
1
0
A0P5
A0P4
A0P3
A0P2
A0P1
A0P0
9–6
Reserved
(Always Set to Zero)
5–0
A0P5–A0P0
Left Channel Peak Reading (Valid Only When PRE = 1)
Table XV. Peak Reading Register II (Address 0100b, Read-Only)
15–12
11
10
9
87
6
5
432
10
0100
1
0
A1P5
A1P4
A1P3
A1P2
A1P1
A1P0
9–6
Reserved
(Always Set to Zero)
5–0
A1P5–A1P0
Right Channel Peak Reading (Valid Only When PRE = 1)
Master/Slave Select
The
Master/Slave hardware select (Pin 5, CLATCH/[M/S])
is equivalent to setting the
M/S Bit of Control Register II. If set
low, the device is placed in Master Mode, whereby the LRCLK
and BCLK signals are outputs from the AD1871.
When
M/S is set high, the device is in Slave Mode, whereby the
LRCK and BCLK signals are inputs to the AD1871.
MCLK Mode Select
The MCLK Mode hardware select (Pin 2, CCLK/[
256/512]) is
a subset of the MCLK Mode selection that is determined by
Bits CM1–CM0 of Control Register X. When the hardware pin
is low, the device operates with an MCLK that is 256
¥ fS; if the
pin is set high, the device operates with an MCLK that is 512
¥ fS.
Serial Data Format Select
The Serial Data Format hardware select (Pins 3 and 4, DF0/
COUT and DF1/CIN) is equivalent to setting Bits DF1–DF0 of
Control Register II. See Table VIII.
In External Control Mode, all functions other than those
selected by the hardware select pins (
Master/Slave Mode select,
MCLK select, and Serial Data Format select) are in their
default (power-on) state.
MODULATOR MODE
When the device is in Modulator Mode (MME Bit is set to 1),
the D[0–3] pins are enabled as data outputs, while the COUT
pin becomes MODCLK, a high speed sampling clock (nomi-
nally at 128
fS). The MODCLK enables successive data from
the left and right channel modulators with left channel modula-
tor data being valid in the low phase of MODCLK, while right
channel modulator data is valid under the high phase of MODCLK
(see Modulator Mode Timing in Figure 6).
The Modulator Mode is designed to be used for applications
such as direct stream digital (DSD) where modulator data is
stored directly to the recording media without decimation and
filtering to a lower sample rate. DSD is specified at a rate of
64
fS, whereas the AD1871 outputs at 128
fS,
requiring an intermediate remodulator that downsamples to
64
fS and generates a single-bit output steam.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com