Electronic Components Datasheet Search
  English  ▼

X  

AD1871 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1871 Datasheet HTML 4Page - Analog Devices AD1871 Datasheet HTML 5Page - Analog Devices AD1871 Datasheet HTML 6Page - Analog Devices AD1871 Datasheet HTML 7Page - Analog Devices AD1871 Datasheet HTML 8Page - Analog Devices AD1871 Datasheet HTML 9Page - Analog Devices AD1871 Datasheet HTML 10Page - Analog Devices AD1871 Datasheet HTML 11Page - Analog Devices AD1871 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1871
–8–
REV. 0
CONTROL INTERFACE (SPI) TIMING
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tCCH
CCLK High Width
40
ns
tCCL
CCLK Low Width
40
ns
tCCP
CCLK Period
80
ns
tCDS
CDATA Setup Time
10
ns
To CCLK Rising
tCDH
CDATA Hold Time
10
ns
From CCLK Rising
tCLS
CLATCH Setup Time
10
ns
To CCLK Rising
tCLH
CLATCH Hold Time
10
ns
From CCLK Rising
tCOE
COUT Enable
15
ns
From CLATCH Falling
tCOD
COUT Delay
20
ns
From CCLK Falling
tCOTS
COUT Three-State
25
ns
From CLATCH Rising
tCCH
tCCL
CCLK
CLATCH
CIN
COUT
D15
D14
D12
D11
D10
D07
D06
D04
D03
D02
D01
D00
D13
D09
D08
D08
D07
D06
D05
D04
D03
D02
D01
D00
D09
D05
tCHD
tCSU
tCCL
tCLH
Figure 7. Control Interface Timing
DIGITAL I/O
Parameter
Min
Typ
Max
Unit
Input Voltage High (VIH)
2.4
V
Input Voltage Low (VIL)
0.8
V
Input Leakage (IIH @ VIH = 5 V)
10
mA
Input Leakage (IIL @ VIL = 0 V)
10
mA
Output Voltage High (VOH @ IOH = –2 mA)
ODVDD – 0.4 V
V
Output Voltage Low (VOL @ IOL = +2 mA)
0.4
V
Input Capacitance
15
pF
POWER
Parameter
Min
Typ
Max
Unit
Supplies
Voltage, AVDD, and DVDD
4.5
5
5.5
V
Voltage, ODVDD
2.7
5.5
V
Analog Current
40
45
mA
Analog Current—Power-Down (MCLK Running)
4.0
6.0
mA
Digital Current, DVDD
18
22
mA
Digital Current, ODVDD
0.5
1.0
mA
Digital Current—Power-Down (MCLK Running) DVDD
*
0.8
2.0
mA
Digital Current—Power-Down (MCLK Running) ODVDD
*
1.0
15.0
mA
Power Supply Rejection
1 kHz 300 mV p-p Signal at Analog Supply Pins
–86
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–77
dB
*RESET held low.
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
∞C
Functionality Guaranteed
–40
+105
∞C
Storage
–65
+150
∞C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com