Electronic Components Datasheet Search
  English  ▼

X  

DS3134 Datasheet(PDF) 171 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 171 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 167Page - Dallas Semiconductor DS3134 Datasheet HTML 168Page - Dallas Semiconductor DS3134 Datasheet HTML 169Page - Dallas Semiconductor DS3134 Datasheet HTML 170Page - Dallas Semiconductor DS3134 Datasheet HTML 171Page - Dallas Semiconductor DS3134 Datasheet HTML 172Page - Dallas Semiconductor DS3134 Datasheet HTML 173Page - Dallas Semiconductor DS3134 Datasheet HTML 174Page - Dallas Semiconductor DS3134 Datasheet HTML 175Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 203 page
background image
DS3134
171 of 203
10.3 EXAMPLES OF BUS TIMING FOR LOCAL BUS PCI BRIDGE MODE
OPERATION
Figure 10.3A
8-Bit Read Cycle
Intel Mode (LIM = 0)
Arbitration Enabled (LARBE = 1)
Bus Transaction Time = 4 LCLK (LRDY = 0100)
An attempted access by the Host causes the Local Bus to request the bus. If bus access has not been
granted (LBGACK* deasserted), then the timing shown at the top of the page will occur with LHOLD
being asserted and then once LHLDA is detected, the Local Bus will grab the bus for 32 to 1048576
clocks and then release it. If the bus has already been granted (LBGACK* asserted), then the timing
shown at the bottom of the page will occur.
Note: LA / LD / LBHE* / LWR* / LRD* are tri-stated.
LCLK
LHOLD
LHLDA
LBGACK*
32 to 1048576 LCLKs
lb pi
LA[19:0]
LD[7:0]
LD[15:8]
LRD*
LWR*
Address Valid
LBHE*
tri-state
tri-state
tri-state
tri-state
LCLK
12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com