Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 107 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 103Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 104Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 105Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 106Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 107Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 108Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 109Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 110Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
107
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
10-bit analog-to-digital converter (ADC)
The 10-bit ADC has a separate power bus for its analog circuitry. These pins are referred to as VCCA and VSSA.
The power bus isolation is to enhance ADC performance by preventing digital switching noise of the logic
circuitry that can be present on VSS and VCC from coupling into the ADC analog stage. All ADC specifications
are given with respect to VSSA unless otherwise noted.
Resolution
10-bit (1024 values)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Monotonic
Assured
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output conversion mode
000h to 3FFh (000h for VI ≤ VREFLO; 3FFh for VI ≥ VREFHI)
. . . . . . . . . . . . . . . . . . . .
Minimum conversion time (including sample time)
500 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCCA
Analog supply voltage
3.0
3.3
3.6
V
VSSA
Analog ground
0
V
VREFHI
Analog supply reference source†
‡
VCCA
V
VREFLO
Analog ground reference source†
VSSA
V
VAI
Analog input voltage, ADCIN00−ADCIN07
VREFLO
VREFHI
V
† VREFHI and VREFLO must be stable, within ±1/2 LSB of the required resolution, during the entire conversion time.
‡ VREFHI can be from 2.0 V to VCCA; however, the accuracy of the ADC depends on the ground bounce and noise on the target board.
ADC operating frequency
MIN
MAX
UNIT
ADC operating frequency
4
30
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com