Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 111 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 107Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 108Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 109Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 110Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 111Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 112Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 113Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 114Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
111
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
migrating from 240x devices to 240xA devices
This section highlights the new features/migration issues of the 240xA devices (as compared to the 240x family)
and describes the impact these features/issues have on user applications.
maximum clock speed
240xA devices can operate at a maximum speed of 40 MHz compared to the 30-MHz operation of 240x devices.
This change in clock speed warrants a change in the register contents of all the peripherals. For example, to
maintain the same baud rate, the divisor values that are loaded to the SPI, SCI, and CAN registers must be
recalculated.
code security module
240xA devices incorporate a “code security module” which protects the contents of program memory from
unauthorized duplication. Passwords stored in password locations (PWL) 0040h to 0043h are used for this
purpose. Even if the code is not secured with passwords (i.e., PWL contains FFFFFFFFFFFFFFFFh), the PWL
must still be read to gain access to the program memory contents. Note that locations 0040h to 0043h were
available for user code in the 240x devices, which lack the “code security module”. In 240xA devices, these
locations are reserved for the passwords and are not available for the user code. Even if code security feature
is not used, these locations must be written with all ones. This fact must be borne in mind while submitting ROM
codes to TI.
input-qualifier circuitry
An input-qualifier circuitry qualifies the input signal to the CAP1–6 (QEP1−4), XINT1/2, ADCSOC, and
PDPINTA/B pins in the x240xA devices. The state of the internal input signal will change only after these pins
are high/low for 6 (12) clock edges. The user must hold the pin high/low for 6 (12) cycles to ensure that the device
see the level change. The increase in the pulse width of the signals used to excite these pins must be taken
into account while migrating from the 240x to the 240xA family.
Bit 6 of the SCSR2 register controls whether 6 clock edges (bit 6 = 0) or 12 clock edges (bit 6 = 1) are used
to block 5- or 11-cycle glitches. This bit is a “reserved” bit in 240x devices.
status of the PDPINTx pin
The current status of the PDPINTx pins is now reflected in bit 8 of the COMCONx registers. This bit is a
“reserved” bit in 240x devices.
operation of the IOPC0 pin
At reset, all LF240xA devices come up with the W/R/IOPC0 pin in W/R mode. On devices that lack an external
memory interface (e.g., LF2406A), W/R mode is not functional and MCRB.0 must be set to a 0 if the IOPC0
pin is to be used. The XMIF Hi-Z control bit (bit 4 of the SCSR2 register) is reserved in these devices and must
be written with a zero.
external pulldown resistor for TRST pin
An external pulldown resistor may be needed for the TRST pin in boards that operate in noisy environments.
Refer to the TRST pin description for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com