Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 115 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 111Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 112Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 113Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 114Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 115Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 116Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 117Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 118Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
115
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
SERIAL COMMUNICATIONS INTERFACE (SCI) CONFIGURATION CONTROL REGISTERS
07050h
STOP
BITS
EVEN/ODD
PARITY
PARITY
ENABLE
LOOP BACK
ENA
ADDR/IDLE
MODE
SCI
CHAR2
SCI
CHAR1
SCI
CHAR0
SCICCR
07051h
—
RX ERR
INT ENA
SW RESET
—
TXWAKE
SLEEP
TXENA
RXENA
SCICTL1
07052h
BAUD15
(MSB)
BAUD14
BAUD13
BAUD12
BAUD11
BAUD10
BAUD9
BAUD8
SCIHBAUD
07053h
BAUD7
BAUD6
BAUD5
BAUD4
BAUD3
BAUD2
BAUD1
BAUD0
(LSB)
SCILBAUD
07054h
TXRDY
TX EMPTY
—
—
—
—
RX/BK
INT ENA
TX
INT ENA
SCICTL2
07055h
RX ERROR
RXRDY
BRKDT
FE
OE
PE
RXWAKE
—
SCIRXST
07056h
ERXDT7
ERXDT6
ERXDT5
ERXDT4
ERXDT3
ERXDT2
ERXDT1
ERXDT0
SCIRXEMU
07057h
RXDT7
RXDT6
RXDT5
RXDT4
RXDT3
RXDT2
RXDT1
RXDT0
SCIRXBUF
07058h
Illegal
07059h
TXDT7
TXDT6
TXDT5
TXDT4
TXDT3
TXDT2
TXDT1
TXDT0
SCITXBUF
0705Ah
to
0705Eh
Illegal
0705Fh
—
SCITX
PRIORITY
SCIRX
PRIORITY
SCI
SOFT
SCI
FREE
—
—
—
SCIPRI
07060h
to
0706Fh
Illegal
EXTERNAL INTERRUPT CONTROL REGISTERS
07070h
XINT1
FLAG
—
—
—
—
—
—
—
XINT1CR
07070h
—
—
—
—
—
XINT1
POLARITY
XINT1
PRIORITY
XINT1
ENA
XINT1CR
07071h
XINT2
FLAG
—
—
—
—
—
—
—
XINT2CR
07071h
—
—
—
—
—
XINT2
POLARITY
XINT2
PRIORITY
XINT2
ENA
XINT2CR
07072h
to
0708Fh
Illegal
DIGITAL I/O CONTROL REGISTERS
07090h
MCRA.15
MCRA.14
MCRA.13
MCRA.12
MCRA.11
MCRA.10
MCRA.9
MCRA.8
MCRA
07090h
MCRA.7
MCRA.6
MCRA.5
MCRA.4
MCRA.3
MCRA.2
MCRA.1
MCRA.0
MCRA
07091h
Illegal
07092h
MCRB.15
MCRB.14
MCRB.13
MCRB.12
MCRB.11
MCRB.10
MCRB.9
MCRB.8
MCRB
07092h
MCRB.7
MCRB.6
MCRB.5
MCRB.4
MCRB.3
MCRB.2
MCRB.1
MCRB.0
MCRB
07093h
Illegal
07094h
MCRC.15
MCRC.14
MCRC.13
MCRC.12
MCRC.11
MCRC.10
MCRC.9
MCRC.8
MCRC
07094h
MCRC.7
MCRC.6
MCRC.5
MCRC.4
MCRC.3
MCRC.2
MCRC.1
MCRC.0
MCRC
07095h
E7DIR
E6DIR
E5DIR
E4DIR
E3DIR
E2DIR
E1DIR
E0DIR
PEDATDIR
07095h
IOPE7
IOPE6
IOPE5
IOPE4
IOPE3
IOPE2
IOPE1
IOPE0
PEDATDIR
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com