Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 113 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 109Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 110Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 111Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 112Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 113Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 114Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 115Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 116Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
113
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register description
Table 19 is a collection of all the programmable registers of the LF240xA/LC240xA and is provided as a quick
reference.
Table 19. LF240xA/LC240xA DSP Peripheral Register Description
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
DATA MEMORY SPACE
CPU STATUS REGISTERS
ARP
OV
OVM
1
INTM
DP(8)
ST0
DP(7)
DP(6)
DP(5)
DP(4)
DP(3)
DP(2)
DP(1)
DP(0)
ST0
ARB
CNF
TC
SXM
C
1
ST1
1
1
1
XF
1
1
PM
ST1
GLOBAL MEMORY AND CPU INTERRUPT REGISTERS
00004h
—
—
—
—
—
—
—
—
IMR
00004h
—
—
INT6 MASK
INT5 MASK
INT4 MASK
INT3 MASK
INT2 MASK
INT1 MASK
IMR
00005h
Reserved
GREG
00005h
Reserved
GREG
00006h
—
—
—
—
—
—
—
—
IFR
00006h
—
—
INT6 FLAG
INT5 FLAG
INT4 FLAG
INT3 FLAG
INT2 FLAG
INT1 FLAG
IFR
SYSTEM REGISTERS
07010h
IRQ0.15
IRQ0.14
IRQ0.13
IRQ0.12
IRQ0.11
IRQ0.10
IRQ0.9
IRQ0.8
PIRQR0
07010h
IRQ0.7
IRQ0.6
IRQ0.5
IRQ0.4
IRQ0.3
IRQ0.2
IRQ0.1
IRQ0.0
PIRQR0
07011h
IRQ1.15
IRQ1.14
IRQ1.13
IRQ1.12
IRQ1.11
IRQ1.10
IRQ1.9
IRQ1.8
PIRQR1
07011h
IRQ1.7
IRQ1.6
IRQ1.5
IRQ1.4
IRQ1.3
IRQ1.2
IRQ1.1
IRQ1.0
PIRQR1
07012h
IRQ2.15
IRQ2.14
IRQ2.13
IRQ2.12
IRQ2.11
IRQ2.10
IRQ2.9
IRQ2.8
PIRQR2
07012h
IRQ2.7
IRQ2.6
IRQ2.5
IRQ2.4
IRQ2.3
IRQ2.2
IRQ2.1
IRQ2.0
PIRQR2
07013h
Illegal
07014h
IAK0.15
IAK0.14
IAK0.13
IAK0.12
IAK0.11
IAK0.10
IAK0.9
IAK0.8
PIACKR0
07014h
IAK0.7
IAK0.6
IAK0.5
IAK0.4
IAK0.3
IAK0.2
IAK0.1
IAK0.0
PIACKR0
07015h
IAK1.15
IAK1.14
IAK1.13
IAK1.12
IAK1.11
IAK1.10
IAK1.9
IAK1.8
PIACKR1
07015h
IAK1.7
IAK1.6
IAK1.5
IAK1.4
IAK1.3
IAK1.2
IAK1.1
IAK1.0
PIACKR1
07016h
IAK2.15
IAK2.14
IAK2.13
IAK2.12
IAK2.11
IAK2.10
IAK2.9
IAK2.8
PIACKR2
07016h
IAK2.7
IAK2.6
IAK2.5
IAK2.4
IAK2.3
IAK2.2
IAK2.1
IAK2.0
PIACKR2
07017h
Illegal
07018h
—
CLKSRC
LPM1
LPM0
CLK PS2
CLK PS1
CLK PS0
—
SCSR1
07018h
ADC CLKEN
SCI CLKEN
SPI CLKEN
CAN CLKEN
EVB CLKEN
EVA CLKEN
—
ILLADR
SCSR1
—
—
—
—
—
—
—
—
07019h
—
I/P
QUALIFIER
CLOCKS
WD
OVERRIDE
XMIF HI Z
BOOT_EN
MP/MC
DON
PON
SCSR2
0701Ah
to
0701Bh
Illegal
0701Ch
DIN15
DIN14
DIN13
DIN12
DIN11
DIN10
DIN9
DIN8
DINR
0701Ch
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
DINR
0701Dh
Illegal
0701Eh
V15
V14
V13
V12
V11
V10
V9
V8
PIVR
0701Eh
V7
V6
V5
V4
V3
V2
V1
V0
PIVR
0701Fh
Illegal
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com