Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2402AVFS Datasheet(PDF) 116 Page - Texas Instruments

Part # TMX320LF2402AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2402AVFS Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMX320LF2402AVFS Datasheet HTML 112Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 113Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 114Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 115Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 116Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 117Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 118Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 119Page - Texas Instruments TMX320LF2402AVFS Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
116
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
DIGITAL I/O CONTROL REGISTERS (CONTINUED)
07096h
—
F6DIR
F5DIR
F4DIR
F3DIR
F2DIR
F1DIR
F0DIR
PFDATDIR
07096h
—
IOPF6
IOPF5
IOPF4
IOPF3
IOPF2
IOPF1
IOPF0
PFDATDIR
07098h
A7DIR
A6DIR
A5DIR
A4DIR
A3DIR
A2DIR
A1DIR
A0DIR
PADATDIR
07098h
IOPA7
IOPA6
IOPA5
IOPA4
IOPA3
IOPA2
IOPA1
IOPA0
PADATDIR
07099h
Illegal
0709Ah
B7DIR
B6DIR
B5DIR
B4DIR
B3DIR
B2DIR
B1DIR
B0DIR
PBDATDIR
0709Ah
IOPB7
IOPB6
IOPB5
IOPB4
IOPB3
IOPB2
IOPB1
IOPB0
PBDATDIR
0709Bh
Illegal
0709Ch
C7DIR
C6DIR
C5DIR
C4DIR
C3DIR
C2DIR
C1DIR
C0DIR
PCDATDIR
0709Ch
IOPC7
IOPC6
IOPC5
IOPC4
IOPC3
IOPC2
IOPC1
IOPC0
PCDATDIR
0709Dh
Illegal
0709Eh
—
—
—
—
—
—
—
D0DIR
PDDATDIR
0709Eh
—
—
—
—
—
—
—
IOPD0
PDDATDIR
0709Fh
Illegal
ANALOG-TO-DIGITAL CONVERTER (ADC) REGISTERS
070A0h
—
ADC
S/W RESET
SOFT
FREE
ACQ
PRESCALE3
ACQ
PRESCALE2
ACQ
PRESCALE1
ACQ
PRESCALE0
ADCTRL1
070A0h
CONV PRE-
SCALE (CPS)
CONTIN-
UOUS RUN
INT
PRIORITY
SEQ1/2
CASCADE
—
—
—
—
ADCTRL1
070A1h
EVB SOC
EN SEQ1
RESET
SEQ1
SOC SEQ1
SEQ1 BUSY
INT ENA
SEQ1 Mode1
INT ENA
SEQ1 Mode0
INT FLAG
SEQ1
EVA SOC
EN SEQ1
ADCTRL2
070A1h
EXT SOC
EN SEQ1
Reset SEQ2
SOC SEQ2
SEQ2 BUSY
INT ENA
SEQ2 Mode1
INT ENA
SEQ2 Mode0
INT FLAG
SEQ2
EVB SOC
EN SEQ2
ADCTRL2
—
—
—
—
—
—
—
—
070A2h
—
MAXCONV2
2
MAXCONV2
1
MAXCONV2
0
MAXCONV1
3
MAXCONV1
2
MAXCONV1
1
MAXCONV1
0
MAXCONV
070A3h
CONV 3
CONV 3
CONV 3
CONV 3
CONV 2
CONV 2
CONV 2
CONV 2
CHSELSEQ1
070A3h
CONV 1
CONV 1
CONV 1
CONV 1
CONV 0
CONV 0
CONV 0
CONV 0
CHSELSEQ1
070A4h
CONV 7
CONV 7
CONV 7
CONV 7
CONV 6
CONV 6
CONV 6
CONV 6
CHSELSEQ2
070A4h
CONV 5
CONV 5
CONV 5
CONV 5
CONV 4
CONV 4
CONV 4
CONV 4
CHSELSEQ2
070A5h
CONV 11
CONV 11
CONV 11
CONV 11
CONV 10
CONV 10
CONV 10
CONV 10
CHSELSEQ3
070A5h
CONV 9
CONV 9
CONV 9
CONV 9
CONV 8
CONV 8
CONV 8
CONV 8
CHSELSEQ3
070A6h
CONV 15
CONV 15
CONV 15
CONV 15
CONV 14
CONV 14
CONV 14
CONV 14
CHSELSEQ4
070A6h
CONV 13
CONV 13
CONV 13
CONV 13
CONV 12
CONV 12
CONV 12
CONV 12
CHSELSEQ4
—
—
—
—
SEQ CNTR3
SEQ CNTR2
SEQ CNTR1
SEQ CNTR0
070A7h
SEQ2
STATE 3
SEQ2
STATE 2
SEQ2
STATE 1
SEQ2
STATE 0
SEQ1
STATE 3
SEQ1
STATE 2
SEQ1
STATE 1
SEQ1
STATE 0
AUTO_SEQ_SR
070A8h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT0
070A8h
D1
D0
0
0
0
0
0
0
RESULT0
070A9h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT1
070A9h
D1
D0
0
0
0
0
0
0
RESULT1
070AAh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT2
070AAh
D1
D0
0
0
0
0
0
0
RESULT2
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com