Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 35 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 31Page - Microchip Technology CAP1214 Datasheet HTML 32Page - Microchip Technology CAP1214 Datasheet HTML 33Page - Microchip Technology CAP1214 Datasheet HTML 34Page - Microchip Technology CAP1214 Datasheet HTML 35Page - Microchip Technology CAP1214 Datasheet HTML 36Page - Microchip Technology CAP1214 Datasheet HTML 37Page - Microchip Technology CAP1214 Datasheet HTML 38Page - Microchip Technology CAP1214 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
35
Revision 1.0 (08-30-10)
DATASHEET
14h
R
Sensor 5 Delta
Count
Stores the delta count for CS5
00h
Page 48
15h
R
Sensor 6 Delta
Count
Stores the delta count for CS6
00h
Page 48
16h
R
Sensor 7 Delta
Count
Stores the delta count for CS7
00h
Page 48
17h
R
Sensor 8 Delta
Count
Stores the delta count for CS8
00h
Page 48
18h
R
Sensor 9 Delta
Count
Stores the delta count for CS9
00h
Page 48
19h
R
Sensor 10 Delta
Count
Stores the delta count for CS10
00h
Page 48
1Ah
R
Sensor 11 Delta
Count
Stores the delta count for CS11
00h
Page 48
1Bh
R
Sensor 12 Delta
Count
Stores the delta count for CS12
00h
Page 48
1Ch
R
Sensor 13 Delta
Count
Stores the delta count for CS13
00h
Page 48
1Dh
R
Sensor 14 Delta
Count
Stores the delta count for CS14
00h
Page 48
1Eh
R/W
Queue Control
Controls how samples and noise
flag effects on some data
03h
Page 49
1Fh
R/W
Data Sensitivity
Controls the sensitivity of the
threshold and delta counts and
data scaling of the base counts
2Fh
Page 50
20h
R/W
Configuration
Controls some recalibration and
LED controls
29h
Page 51
21h
R/W
Sensor Enable
Controls whether the Capacitive
Touch Sensor group and button
inputs 1 - 7 are sampled
FFh
Page 52
22h
R/W
Button Configuration
Controls reset delay and auto-
repeat delay for buttons
A4h
Page 53
23h
R/W
Group Configuration
1
Controls the detection dwell time
before a press is detected within
the group
47h
Page 55
24h
R/W
Group Configuration
2
Controls reset delay and auto-
repeat delay for grouped sensors
D4h
Page 56
25h
R/W
Calibration Enable
Controls automatic calibration for
grouped sensors and sensors 1 - 7
FFh
Page 57
26h
R/W
Calibration Activate
Activates manual re-calibration for
grouped sensors and sensors 1 - 7
00h
Page 57
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com