Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 60 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 60 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 56Page - Microchip Technology CAP1214 Datasheet HTML 57Page - Microchip Technology CAP1214 Datasheet HTML 58Page - Microchip Technology CAP1214 Datasheet HTML 59Page - Microchip Technology CAP1214 Datasheet HTML 60Page - Microchip Technology CAP1214 Datasheet HTML 61Page - Microchip Technology CAP1214 Datasheet HTML 62Page - Microchip Technology CAP1214 Datasheet HTML 63Page - Microchip Technology CAP1214 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
60
SMSC CAP1214
DATASHEET
6.22
Sleep Channel Control Register
The Sleep Channel Control Register determines which sensors are sampled when the device is placed
into the Sleep state.
APPLICATION NOTE: If this register is updated while the device is in the Sleep state, the conversion cycle may be
extended or for the first measurement of the new Capacitive Touch Sensors. It will correct
itself on subsequent measurement cycles.
APPLICATION NOTE: If this register is updated while the device is in the Sleep state, it is recommended to force
a recalibration routine on newly activated channels.
Bit 7 - GR_SLEEP - Enables the Grouped sensors to be sampled when the device is placed into the
Sleep state.
‘0’ (default) - Grouped Sensors are not sampled when the device is in the Sleep state.
‘1’ - The Grouped Sensors are sampled when the device is in Sleep mode. If a tap, slide, or touch
and hold is detected, the appropriate status bit is set and an interrupt generated. Individual sensors
will be enabled via the Group Sensor Enable register.
Bit 6 - S7_SLEEP - Enables the CS7 sensor to be sampled when the device is placed into sleep mode.
‘0’ (default) - The CS7 input is not sampled when the device is in the Sleep state
‘1’ - The CS7 input is sampled when the device is in Sleep mode. If a touch is detected, the status
bit is set and an interrupt generated.
Bit 5 - S6_SLEEP - Enables the CS6 sensor to be sampled when the device is placed into the Sleep
state.
Bit 4 - S5_SLEEP - Enables the CS5 sensor to be sampled when the device is placed into the Sleep
state.
Bit 3 - S4_SLEEP - Enables the CS4 sensor to be sampled when the device is placed into the Sleep
state.
Bit 2 - S3_SLEEP - Enables the CS3 sensor to be sampled when the device is placed into the Sleep
state.
Bit 1 - S2_SLEEP - Enables the CS2 sensor to be sampled when the device is placed into the Sleep
state.
Bit 0 - S1_SLEEP - Enables the CS1 sensor to be sampled when the device is placed into the Sleep
state.
Table 6.30 Sleep Channel Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29h
R/W
Sleep Channel
Control
GR_
SLEEP
S7_
SLEEP
S6_
SLEEP
S5_
SLEEP
S4_
SLEEP
S3_
SLEEP
S2_
SLEEP
S1_
SLEEP
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com