Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 70 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 70 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
70
SMSC CAP1214
DATASHEET
Note 6.3
If the repeat rate for the slider is set at 105msec or lower, the 11b case will use the fixed
values of 140, 105 and 70msec, respectively.
6.32
Digital Recalibration Control Register
The Digital Recalibration Control Register forces channels to perform a digital calibration as if there
were no base count. When a bit is set, the corresponding Capacitive Touch Sensor will be re-calibrated
and the bit will be automatically cleared once the re-calibration routine has finished. This calibration
routine will update the base count for touch detection.
Bit 7 - GP_D_CAL - Forces the grouped sensors to perform a digital recalibration as if there were no
base count.
Bit 6 - CS7_D_CAL - Forces CS7 to perform a digital recalibration as if there were no base count.
Bit 5 - CS6_D_CAL - Forces CS6 to perform a digital recalibration as if there were no base count.
Bit 4 - CS5_D_CAL - Forces CS5 to perform a digital recalibration as if there were no base count.
Bit 3 - CS4_D_CAL - Forces CS4 to perform a digital recalibration as if there were no base count.
Bit 2 - CS3_D_CAL - Forces CS3 to perform a digital recalibration as if there were no base count.
Bit 1 - CS2_D_CAL - Forces CS2 to perform a digital recalibration as if there were no base count.
Bit 1 - CS1_D_CAL - Forces CS1 to perform a digital recalibration as if there were no base count.
6.33
Configuration 2 Register
335
35
70
105
2
35
70
105
140
1
RPT_RATE_SL
Table 6.49 Digital Recalibration Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
3Fh
R/W
Digital
Recalibration
Control
GP_
D_CAL
CS7_
D_CAL
CS6_
D_CAL
CS5_
D_CAL
CS4_
D_CAL
CS3_
D_CAL
CS2_
D_CAL
CS1_
D_CAL
00h
Table 6.50 Configuration 2 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Configuration
2
INV_LINK_
TRAN
-
LED11_
CFG
BLK_
POL_
MIR
SHOW_
RF_
NOISE
DIS_
RF_
NOISE
VOL_
UP_
DOWN
INT_
REL_n
00h
Table 6.48 RPT_SCALE Bit Decode (continued)
NUMBER OF SENSORS IN
100MSEC
REPEAT RATE (MSEC)
RPT_SCALE[1:0]
00
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com