Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 67 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 67 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 63Page - Microchip Technology CAP1214 Datasheet HTML 64Page - Microchip Technology CAP1214 Datasheet HTML 65Page - Microchip Technology CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
67
Revision 1.0 (08-30-10)
DATASHEET
6.30
Lid Closure Threshold Registers
The Lid Closure Threshold Registers control the value of a secondary internal threshold to detect noise
potentially generated by lid closure. If a Capacitive Touch Sensor output exceeds the Lid Closure
Threshold, the appropriate status bit is set in the Lid Closure Status register (see Section 6.8).
The Lid Closure Threshold is proportional to the programmed Sensor Threshold as shown in
Table 6.44.
6.30.1
Lid Closure Threshold 1 Register
The Lid Closure Threshold 1 Register controls the lid closure threshold for Capacitive Touch Sensors
1-4.
Bits 7-6 - CS4_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 4.
Bits 5-4 - CS3_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 3.
Bits 3-2 - CS2_LD_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 2.
Bits 1-0 - CS1_LD_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 1.
6.30.2
Lid Closure Threshold 2 Register
The Lid Closure Threshold 2 Register controls the lid closure threshold for Capacitive Touch Sensors
5 - 8.
Bits 7-6 - CS8_LD_TH[1:0] - Controls the lid closure threshold for Capacitive Touch Sensor 8 (one of
the grouped sensors).
Table 6.43 Lid Closure Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
3Ah
R/W
Lid Closure
Threshold 1
CS4_LD_TH
[1:0]
CS3_LD_TH
[1:0]
CS2_LD_TH
[1:0]
CS1_LD_TH
[1:0]
AAh
3Bh
R/W
Lid Closure
Threshold 2
CS8_LD_TH
[1:0]
CS7_LD_TH
[1:0]
CS6_LD_TH
[1:0]
CS5_LD_TH
[1:0]
AAh
3Ch
R/W
Lid Closure
Threshold 3
CS12_LD_TH
[1:0]
CS11_LD_TH
[1:0]
CS10_LD_TH
[1:0]
CS9_LD_TH
[1:0]
AAh
3Dh
R/W
Lid Closure
Threshold 4
--
-
-
CS14_LD_TH
[1:0]
CS13_LD_TH
[1:0]
0Ah
Table 6.44 CSx_LD_TH Bit Decode
CSX_LD_TH[1:0]
THRESHOLD DIVIDE SETTING
10
0
0
6.25%
01
12.5%
1
0
25% (default)
11
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com