Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 72 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 72 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology CAP1214 Datasheet HTML 71Page - Microchip Technology CAP1214 Datasheet HTML 72Page - Microchip Technology CAP1214 Datasheet HTML 73Page - Microchip Technology CAP1214 Datasheet HTML 74Page - Microchip Technology CAP1214 Datasheet HTML 75Page - Microchip Technology CAP1214 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
72
SMSC CAP1214
DATASHEET
7. All sensors will use the group max duration settings if this feature is enabled via the
MAX_DUR_EN_G bit.
8. For CS8 and CS14, interrupts will be generated in the same way as they would be for a TAP
or Press and Hold event. This means that an interrupt will be generated on a touch. If the button
is held, interrupts will be generated at the Group Repeat rate until the button is released. These
buttons do not use the INT_REL_n control and will only generate an interrupt when a touch is
detected.
9. The CS8 sensor will be the designated “DOWN” button. When a tap or Press and Hold event
is detected, it will cause the DOWN status bit to be set. The TAP and PH status bits will be set
normally.
10. The CS14 sensor will be the designated “UP” button. When a Tap or Press and Hold event is
detected, it will cause the UP status bit to be set. The TAP and PH status bits will be set
normally.
Bit 0 - INT_REL_n - Controls the interrupt behavior when a release is detected on a button.
‘0’ (default) - An interrupt is generated when a press is detected and again when a release is
detected and at the repeat rate (if enabled - see Section 6.14 and Section 6.33).
‘1’ - An interrupt is generated when a press is detected and at the repeat rate (if enabled - see
Section 6.14 and Section 6.33).
6.34
Grouped Sensor Channel Enable Register
The Grouped Sensor Channel Enable Register enables sensors within Grouped Sensors to be
sampled during the polling cycle. This register may be updated at any time. If the grouped sensors are
treated as a group (see Section 6.33), then disabling one or more sensors will cause the slider to
behave erratically or not at all.
Bit 6 - CS14_EN - Enables the CS14 sensor to be sampled in the polling cycle.
Bit 5 - CS13_EN - Enables the CS13 sensor to be sampled in the polling cycle.
Bit 4 - CS12_EN - Enables the CS12 sensor to be sampled in the polling cycle.
Bit 3 - CS11_EN - Enables the CS11 sensor to be sampled in the polling cycle.
Bit 2 - CS10_EN - Enables the CS10 sensor to be sampled in the polling cycle.
Bit 1 - CS9_EN - Enables the CS9 sensor to be sampled in the polling cycle.
Bit 0 - CS8_EN - Enables the CS8 sensor to be sampled in the polling cycle.
Table 6.51 Grouped Sensor Channel Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
41h
R/W
Grouped Sensor
Channel Enable
-
CS14_
EN
CS13_
EN
CS12_
EN
CS11_
EN
CS10_
EN
CS9_
EN
CS8_
EN
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com