Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 56 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 56 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 52Page - Microchip Technology CAP1214 Datasheet HTML 53Page - Microchip Technology CAP1214 Datasheet HTML 54Page - Microchip Technology CAP1214 Datasheet HTML 55Page - Microchip Technology CAP1214 Datasheet HTML 56Page - Microchip Technology CAP1214 Datasheet HTML 57Page - Microchip Technology CAP1214 Datasheet HTML 58Page - Microchip Technology CAP1214 Datasheet HTML 59Page - Microchip Technology CAP1214 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
56
SMSC CAP1214
DATASHEET
6.18
Group Configuration Register 2
The Group Configuration 2 Register controls timings associated with the Capacitive Sensor channels
8 - 14 that are included in the group.
Bits 7 - 4 - MAX_DUR_G [3:0] - (default 1101b) - Determines the maximum time that a button is
allowed to be pressed until the Capacitive Touch sensor is recalibrated as shown in Table 6.22.
Bits 3 - 0 - RPT_RATE_SL[3:0] - (default 0100b) Determines the time duration between interrupt
assertions when auto repeat is enabled. This setting applies when a slide is detected on the Grouped
Sensors and acts as the base repeat rate that is adjusted based on the slide speed (see Section 5.5.5).
The resolution is 35ms the range is from 35ms to 560ms as shown in Table 6.23.
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms
0
1
0
1
210ms
0
1
1
0
245ms
01
1
1
280ms
(default)
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms
1
0
1
1
420ms
1
1
0
0
455ms
1
1
0
1
490ms
1
1
1
0
525ms
1
1
1
1
560ms
Table 6.26 Group Configuration Register 2
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
24h
R/W
Group
Configuration 2
MAX_DUR_G[3:0]
RPT_RATE_SL[3:0]
D4h
Table 6.25 M_PRESS Bit Decode (continued)
M_PRESS[3:0]
M_PRESS TIME
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com