Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 58 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 58 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 54Page - Microchip Technology CAP1214 Datasheet HTML 55Page - Microchip Technology CAP1214 Datasheet HTML 56Page - Microchip Technology CAP1214 Datasheet HTML 57Page - Microchip Technology CAP1214 Datasheet HTML 58Page - Microchip Technology CAP1214 Datasheet HTML 59Page - Microchip Technology CAP1214 Datasheet HTML 60Page - Microchip Technology CAP1214 Datasheet HTML 61Page - Microchip Technology CAP1214 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
58
SMSC CAP1214
DATASHEET
6.20.1
Calibration Activate - 26h
Bit 7 - G_CAL - When set, all sensors in the group are re-calibrated. This bit is automatically cleared
once all of the sensors in the group have been re-calibrated successfully.
Bit 6 - S7_CAL - When set, the CS7 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 5 - S6_CAL - When set, the CS6 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 4 - S5_CAL - When set, the CS5 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 3 - S4_CAL - When set, the CS4 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 2 - S3_CAL - When set, the CS3 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 1 - S2_CAL - When set, the CS2 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 0 - S1_CAL - When set, the CS1 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
6.20.2
Grouped Sensor Calibration Activate - 46h
Bit 6 - S14_CAL - When set, the CS14 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 5 - S13_CAL - When set, the CS13 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 4 - S12_CAL - When set, the CS12 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 3 - S11_CAL - When set, the CS11 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 2 - S10_CAL - When set, the CS10 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 1 - S9_CAL - When set, the CS9 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 0 - S8_CAL - When set, the CS8 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
6.21
Interrupt Enable Registers
Table 6.29 Interrupt Enable Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
Interrupt
Enable 1
G_
INT_
EN
S7_
INT_
EN
S6_
INT_
EN
S5_
INT_
EN
S4_
INT_
EN
S3_
INT_
EN
S2_
INT_
EN
S1_
INT_
EN
FFh
28h
R/W
Interrupt
Enable 2
GPIO8_
INT_EN
GPIO7_
INT_EN
GPIO6_
INT_EN
GPIO5_
INT_EN
GPIO4_
INT_EN
GPIO3_
INT_EN
GPIO2_
INT_EN
GPIO1_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com