Electronic Components Datasheet Search
  English  ▼

X  

CAP1214 Datasheet(PDF) 66 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 66 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 62Page - Microchip Technology CAP1214 Datasheet HTML 63Page - Microchip Technology CAP1214 Datasheet HTML 64Page - Microchip Technology CAP1214 Datasheet HTML 65Page - Microchip Technology CAP1214 Datasheet HTML 66Page - Microchip Technology CAP1214 Datasheet HTML 67Page - Microchip Technology CAP1214 Datasheet HTML 68Page - Microchip Technology CAP1214 Datasheet HTML 69Page - Microchip Technology CAP1214 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
66
SMSC CAP1214
DATASHEET
6.29
Button Noise Threshold Registers
The Button Noise Threshold Registers control the value of a secondary internal threshold to detect
noise and improve the automatic recalibration routine. If a Capacitive Touch Sensor output exceeds
the Button Noise Threshold but does not exceed the sensor threshold, it is determined to be caused
by a noise spike. That sample is not used by the automatic re-calibration routine.
This feature can be disabled by setting the DIS_DIG_NOISE bit (see Section 6.14, "Configuration
Register").
The Button Noise Threshold is proportional to the programmed threshold as shown in Table 6.42.
6.29.1
Button Noise Threshold 1 Register
The Button Noise Threshold 1 Register controls the noise threshold for Capacitive Touch Sensors 1-4.
Bits 7-6 - CH4_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 4.
Bits 5-4 - CH3_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 3.
Bits 3-2 - CH2_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 2.
Bits 1-0 - CH1_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 1.
6.29.2
Button Noise Threshold 2 Register
The Button Noise Threshold 2 Register controls the noise threshold for Capacitive Touch Sensors 5 -
7 and the Grouped sensors.
Bits 7-6 - GR_BN_TH[1:0] - Controls the noise threshold for all grouped Capacitive Touch Sensors.
Bits 5-4 - CH7_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 7.
Bits 3-2 - CH6_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 6.
Bits 1-0 - CH5_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 5.
Table 6.41 Button Noise Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
38h
R/W
Button Noise
Threshold 1
CS4_BN_TH
[1:0]
CS3_BN_TH
[1:0]
CS2_BN_TH
[1:0]
CS1_BN_TH
[1:0]
AAh
39h
R/W
Button Noise
Threshold 2
GR_BN_TH
[1:0]
CS7_BN_TH
[1:0]
CS6_BN_TH
[1:0]
CS5_BN_TH
[1:0]
AAh
Table 6.42 CSx_BN_TH Bit Decode
CSX_BN_TH[1:0]
THRESHOLD DIVIDE SETTING
10
0
0
6.25%
01
12.5%
1
0
25% (default)
11
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com