Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WT8043 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
3
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Digital Supply Voltage
VDD
5.5
V
Horizontal Sync. Input Voltage
VHS
VDD(5)+0.3
V
Vertical Sync. Input Voltage
VVS
VDD(5)+0.3
V
Power Dissipation
PD
300
mW
Operating Temperature Range
TOPT
0~70
°C
Storage Temperature Range
TSTG
-40~125
°C
Recommended Operating Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Digital Supply Voltage
VDD (5)
4.5
5
5.5
V
Supply Current (Oscillator on)
IP
mA
Synchronous Input Voltage
Low
VIL
0.8
V
Synchronous Input Voltage
High
VIH
2.4
4
5.0
V
Horizontal Synchronous
Frequency Range
FH
25
-
80
KHz
Vertical Synchronous
Frequency Range
FV
50
-
120
Hz
Crystal Clock Frequency
FCLK
3.5764
3.58
3.5836
MHz
Open Drain Pull High Voltage
VOH
8
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com