Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button WT8043 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
14
Table 1: Graphaic Standard and Frequencies
¡ I
Graphic Standard
Resolution
Horizontal
Vertical
Polarities
NEC Timing
640 x 400
24.8KHz
56.4Hz
-,-
640 x 350
31.5KHz
70Hz
+,-
IBM VGA
640 x 400
31.5KHz
70Hz
-,+
640 x 480
31.5KHz
60Hz
-,-
Mac II
640 x 480
35.0KHz
67Hz
New 72Hz
640 x 480
38.6KHz
72Hz
-,+
VESA Super VGA
800 x 600
35.2KHz
56Hz
IBM 8514/A interlaced
1024 x 768
35.5KHz
86Hz
640 x 350
37.5KHz
83Hz
+,-
VESA VGA
640 x 400
37.5KHz
83Hz
-,+
640 x 480
37.5KHz
72Hz
-,-
VESA New 75Hz Timing
640 x 480
37.5KHz
75Hz
-,-
European Super VGA
800 x 600
37.5KHz
60Hz
VESA New 75Hz Timing
800 x 600
46.8KHz
75Hz
VESA New Super VGA
800 x 600
48.0KHz
72Hz
IBM 8514/A Non-interlaced
1024 x 768
48.5KHz
60Hz
VESA New 1024 x 768
1024 x 768
56.5KHz
72Hz
VESA New 75Hz Timing
1024 x 768
60.0KHz
75Hz
Work Station 1280 x1024
1280 x 1024
64.0KHz
60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com