Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT8043 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
WT8043
Synchronous Signal discriminator
for Multi-Sync Display Monitor
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
1
Jan. 30, 1996
Description
The WT8043 is a silicon monolithic circuit designed for synchronous signal
processing of multi-sync display monitors capable of coping with many kinds of PC's
and workstations. It can be applied to display monitors supporting standard IBM
VGA, VESA super VGA and IBM 8514/A video modes. It can also be used in other
high-end display monitors supporting non-standard video modes with user-defined
horizontal/vertical frequency ranges.
WT8043
incorporates
many
functional
circuits,
horizontal/vertical
frequency
discrimination, display mode selection, and synchronous pulse polarity detection, into
a single chip. Therefore, by using WT8043, monitor makers can shrink the PC board
size, reduce the material cost with fewer components, and reduce labor cost as well.
Features
•
Accepting separate H&V Synchronous signals with any polarities
•
Support VESA VGA (640x480, 640x400, 640x350), VESA SVGA (800x600),
European SVGA (800x600), VESA new SVGA (800x600), XGA (1024x768)
and 1280x1024.
•
Also including NEC (24K) mode, 3 VESA New 75Hz timing modes and Apple
MAC II (35k) mode.
•
Capable of processing horizontal frequency from 25KHz to 80KHz
•
Capable of processing vertical frequency from 50Hz to 120Hz
•
Standard IBM video mode control outputs (1024x768, 640x480, 640x400,
640x350)
•
Six non-standard horizontal frequency control outputs with predefined frequency
range. (users can define their own horizontal frequency range)
•
Fixed polarity horizontal and vertical synchronous signals output
•
Power supply voltage: 5V, but mode select control output and frequency
discrimination control output, these open collector outputs can be combined with
pull high resistor, pull up to 12V.
Application
•
Auto size control for Multi-Sync Display Monitors


Similar Part No. - WT8043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8045 ETC-WT8045 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P1 ETC-WT8045N24P1 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P3 ETC-WT8045N24P3 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P4 ETC-WT8045N24P4 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P5 ETC-WT8045N24P5 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
More results

Similar Description - WT8043

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
Sync Discriminator for CRT Displays
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
Sony Corporation
CXA2016S SONY-CXA2016S Datasheet
183Kb / 12P
Sync Identification for CRT Display
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
SYNC. SIGNAL GENERATOR FOR CAMERA
logo
List of Unclassifed Man...
WT8045 ETC-WT8045 Datasheet
447Kb / 25P
Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Sony Corporation
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
Sync Signal Generator for Camera
logo
Rohm
BA7078AF ROHM-BA7078AF_1 Datasheet
306Kb / 6P
Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
Discriminator for communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com