Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button WT8043 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 19Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
16
Horizontal Frequency Discriminator
There are 3 horizontal frequency discriminator pins on 20 pin type package:
36.2kHz, 45kHz, 52kHz (for N20P1), 33kHz, 36.2kHz, 45kHz (for N20P4); 2
frequency discriminator pins on 16 pin type package: 33kHz, 36.2kHz and 6
frequency discriminator pins on 24 pin type package: 33kHz, 36.2kHz, 45kHz,
52kHz, 62kHz and 72kHz.
Please refer to table 3 for the logical truth table of
these pins. These frequency discriminator pins can pull up to +12V through a
resistor, sink current to the open drain structure must keep under 6mA (ref. P4
Electrical Characteristics). These frequency discriminator pins output can be used
for CS Capacitor Control directly as well as other application.
Table 3: Truth table of Frequency discriminator
Signal
Hsync
F33K F36.2K
F45K
F52K
F62K
F72K
Hs
< 33k
1
1
1
1
1
1
36.2k > Hs > 33k
0
1
1
1
1
1
45k > Hs > 36.2k
0
0
1
1
1
1
52k > Hs > 45k
0
0
0
1
1
1
62k > Hs > 52k
0
0
0
0
1
1
72k > Hs > 62k
0
0
0
0
0
1
Hs
> 72k
0
0
0
0
0
0
SYNC Output State Description
Both H_out / V_out duplicate Hsin/Vsin in the same frequency and pulse width,
but are fixed at negative polarity. And H_out/ V_out have their own cut-off
frequency: 15kHz for H_Sync and 30Hz for V_Sync. While the frequency of input
signal is less than the cut-off frequency, the output will keep in low state. Please
refer to the Table 4.
Table 4:
Hsin
Vsin
H_out
V_out
>15kHz
>30Hz
Negative polarity Hsin
Negative polarity Vsin
>15kHz
<30Hz
Negative polarity Hsin
Low state
<15kHz
>30Hz
Low state
Negative polarity Vsin
<15kHz
<30Hz
Low state
Low state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com