Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
6
(Contd.)
Structure
Name
Function
of
Terminal
NEC
NEC 640 x 400, 24.8kHz/ 56.4Hz timing mode
O,
open drain
640 x 400
If IBM VGA 640 x 400 mode, or VESA VGA 640 x
400 mode then active "low"
O,
open drain
640 x 480
If IBM VGA 640 x 480 mode, or VESA VGA 640 x
480 mode then active "low"
O,
open drain
800 x 600
VESA super VGA mode Hsync freq. 35kHz
O,
open drain
800 x 600
European super VGA mode Hsync freq. 37.5kHz
O,
open drain
800 x 600
(46.8k,75)
VESA new 75Hz Timing mode
O,
open drain
800 x 600
VESA new super VGA mode Hsync freq. 48kHz
O,
open drain
1024x768 (I) IBM 8514/A interlace mode
O,
open drain
1024x768
(NI)
IBM 8514/A non-interlace mode
O,
open drain
1024x768
(57k)
XGA 1024x768 mode Hsync freq. 57kHz
O,
open drain
1024x768
(60k, 75)
VESA new 75Hz Timing mode
O,
open drain
F72K
Hysnc freq. discrimination control output if > 72 kHz
then active low, else high
O,
open drain
VDD
5 Volts power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com