Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button WT8043 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 19Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
15
Figure 2:
H/V Frequency Division and Video Mode
640X350
(32k, 70)
(+,-)
640X400
(32k, 70)
(-,+)
1024X768
(35k, 87)
640X350
(37k, 84)
(+,-)
640X400
(37k, 84)
(-,+)
640X480
(32k, 60)
(-,-)
640X480
(37k, 73)
(-,-)
1024X768
(48k, 60)
1024X768
(56.5k, 72)
800X600
(48k, 72)
800X600
(35k, 56)
800X600
(38k, 60)
1280X1024
(64k, 60)
Fv (Hz)
78
64
30
73.5
11
28
33
36.2
45
52
62
Fh(KHz)
640X400
(24k, 56)
640X480
(35k, 67)
MAC II
1024X768
(60k, 75)
832X624
(50k, 70)
800X600
(47k, 75)
640X480
(37k, 75)
(-,-)
640X480
(38.6k, 72)
(-,+)
Table 2: IBM VGA/ VESA VGA Decoding Table
Mode
PIN
640 x 480
640 x 400
640 x 350
640 x 480
0
1
1
IBM VGA
640 x 400
1
0
1
640 x 350
1
1
0
640 x 480
0
1
1
VESA VGA
640 x 400
1
0
1
640 x 350
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com