Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WT8043 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
5
Application Information
Structure
Name
Function
of
Terminal
OSCin
A clock generating circuit is built into the chip. So if
a resonator is connected to OSCin / OSCout, a clock
signal can be obtained
I
OSCout
Referent to OSCin pin
HSin
Input terminal of horizontal synchronous Signal
I, TTL
Compatible
VSin
Input terminal of vertical synchronous Signal
I, TTL
Compatible
H_out
Output pin, active low, fixed polarity of
original
H_sync signal w/ same pulse width
O, TTL
Compatible
1280 x 1024 1280x1024 mode control output
O,
open drain
V_OUT
Output pin, active low, fixed polarity of
original
V_sync signal w/ same pulse width
O, TTL
Compatible
F60K
H, frequency input 60k discrimination > 60k then
active low, < 60k then high
O,
open drain
F52K
> 52k then active low, < 52k then high
O,
open drain
F45K
> 45k then active low, < 45k then high
O,
open drain
F36K
>
36k then active low, < 36k then high
O,
open drain
Vss
Ground
F33K
> 33k then active low, < 33k then high
O,
open drain
640 x 350
Mode seclect control output, if IBM VGA 640x350
mode, or VESA VGA 640x350 mode, then active
low, else high state output
O,
open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com