Electronic Components Datasheet Search
  English  ▼

X  

WT8043 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WT8043
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WT8043 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
WT8043
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
4
Electrical Characteristics
(VDD=5V, TOPT=25°C, Crystal=3.58MHz)
Item
Symbol
Min.
Typ.
Max.
Unit
F33K
32.95
-
33.05
KHz
F36.2K
36.15
-
36.25
KHz
Discrimintaion of H.
F45K
44.95
-
45.05
KHz
Synchronous Frequency
F52K
51.95
-
52.05
KHz
F62K
61.95
-
62.05
KHz
F72K
71.95
-
72.05
KHz
Output Low (H-out, V-out)
When IOL = 4mA
VOL1
0.4
V
Output High (H-out, V-out)
When IOH = -400µA
VOH1
2.4
V
Open Collector Output Low
When IOL = 6mA
VOL2
0.4
V
Output Sink Current (H-out,
V-out) When VOL1= 0.4V
IOL1
4
mA
Output Drive Current (H-out,
V-out) When VOH1= 2.4V
¡ ý
IOH1¡ ý
400
µA
Open Drain Sink Current
When VOL2= 0.4V
IOL2
6
mA
Input H_SYNC Pulse Width
WH_SYNC
0.56
4
µS
Input V_SYNC Pulse Width
WV_SYNC
0.56
833
µS
H_SYNC, Output Pulse delay,
respect to Hsin
TDHS
60
nS
V_SYNC, Output Pulse delay,
respect to Vsin
TVHS
60
nS
Upper Trigger Input Point
(H_IN, V_IN)
VUTP
2.0
V
Lower Trigger Input Point
(H_IN, V_IN)
VLTP
0.8
V
Noise Margin (H_IN, V_IN)
VNM
1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com