Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FEDL610421-02
ML610421
8/31
PIN LIST
PAD NO.
Primary function
Secondary function
Tertiary function
421
Pin name
I/O
Function
Pin name
I/O
Function
Pin name
I/O
Function
17,21,
35,110
Vss
Negative power
supply pin
15,38
VDD
Positive power
supply pin
16
VDDL
Power supply pin for
internal logic
(internally
generated)
18
VDDX
Power supply pin for
low-speed oscillation
(internally
generated)
111
AVSS
Negative power
supply pin for
successive
approximation type
ADC
115
AVDD
Positive power
supply pin for
successive
approximation type
ADC
23
VL1
Power supply pin for
LCD bias (internally
generated)
24
VL2
Power supply pin for
LCD bias (internally
generated)
25
VL3
Power supply pin for
LCD bias (internally
generated)
26
VL4
Power supply pin for
LCD bias (internally
generated)
27
C1
Capacitor
connection pin for
LCD bias generation
28
C2
Capacitor
connection pin for
LCD bias generation
29
C3
Capacitor
connection pin for
LCD bias generation
30
C4
Capacitor
connection pin for
LCD bias generation
14
TEST
I
Input pin for testing
1
RESET_N
I
Reset input pin
19
XT0
I
Low-speed clock
oscillation pin
20
XT1
O
Low-speed clock
oscillation pin
112
VREF
Reference power
supply pin for
successive
approximation type
ADC
113
AIN0
I
Successive
approximation type
ADC input
114
AIN1
I
Successive
approximation type
ADC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com