Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
FEDL610421-02
ML610421
19/31
DC CHARACTERISTICS (2/5)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified) (2/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
VL1 voltage
VL1
VDD = 3.0V,
Tj = 25
°C
CN4–0 = 00H
0.89
0.94
0.99
V
1
CN4–0 = 01H
0.91
0.96
1.01
CN4–0 = 02H
0.93
0.98
1.03
CN4–0 = 03H
0.95
1.00
1.05
CN4–0 = 04H
0.97
1.02
1.07
CN4–0 = 05H
0.99
1.04
1.09
CN4–0 = 06H
1.01
1.06
1.11
CN4–0 = 07H
1.03
1.08
1.13
CN4–0 = 08H
1.05
1.10
1.15
CN4–0 = 09H
1.07
1.12
1.17
CN4–0 = 0AH
1.09
1.14
1.19
CN4–0 = 0BH
1.11
1.16
1.21
CN4–0 = 0CH
1.13
1.18
1.23
CN4–0 = 0DH
1.15
1.20
1.25
CN4–0 = 0EH
1.17
1.22
1.27
CN4–0 = 0FH
1.19
1.24
1.29
CN4–0 = 10H
1.21
1.26
1.31
CN4–0 = 11H
1.23
1.28
1.33
CN4–0 = 12H
1.25
1.30
1.35
CN4–0 = 13H
1.27
1.32
1.37
CN4–0 = 14H
*1
1.29
1.34
1.39
CN4–0 = 15H
*1
1.31
1.36
1.41
CN4–0 = 16H
*1
1.33
1.38
1.43
CN4–0 = 17H
*1
1.35
1.40
1.45
CN4–0 = 18H
*1
1.37
1.42
1.47
CN4–0 = 19H
*1
1.39
1.44
1.49
CN4–0 = 1AH
*1
1.41
1.46
1.51
CN4–0 = 1BH
*1
1.43
1.48
1.53
CN4–0 = 1CH
*1
1.45
1.50
1.55
CN4–0 = 1DH
*1
1.47
1.52
1.57
CN4–0 = 1EH
*1
1.49
1.54
1.59
CN4–0 = 1FH
*1
1.51
1.56
1.61
VL1 temperature
deviation
∆V
L1
VDD = 3.0V
−1.5
mV/
°C
VL1 voltage
dependency
∆V
L1
VDD = 1.3 to 3.6V
5
20
mV/V
VL2 voltage
*2
VL2
VDD = 3.0V, Tj = 25°C
500k
Ω load (V
L4−VSS)
Typ.
−10%
VL1×2
Typ.
+4%
V
VL3 voltage
*2
VL3
VDD = 3.0V,
Tj = 25
°C
500k
Ω load
(VL4−VSS)
1/3 bias
Typ.
−10%
VL1×2
Typ.
+4%
1/4 bias
VL1×3
VL4 voltage
*2
VL4
1/3 bias
Typ.
−10%
VL1×3
Typ.
+5%
1/4 bias
VL1×4
LCD bias voltage
generation time
TBIAS
600
ms
*
1: When using 1/4 bias, the V
L1 voltage is set to typ. 1.32 V (same voltage as in CN4–0 = 13H).
*
2: Boost clock is 2kHz(initial) for the bias generation. C12=C34=1uF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com