Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 18 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 18 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
FEDL610421-02
ML610421
18/31
DC CHARACTERISTICS (1/5)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified) (1/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
500kHz RC oscillation
frequency
fRC
VDD = 1.3
to 3.6V
Ta = 25
°C
Typ.
−10%
500
Typ.
+10%
kHz
1
Ta =
−20 to
+70
°C
Typ.
−25%
500
Typ.
+25%
kHz
PLL oscillation frequency*
4
fPLL
LSCLK = 32.768kHz
VDD = 1.8 to 3.6V
-2.5%
8.192
+2.5%
MHz
Low-speed crystal oscillation
start time*
2
TXTL
0.3
2
s
500kHz RC oscillation start
time
TRC
50
500
µs
High-speed crystal oscillation
start time*
3
TXTH
VDD = 1.8 to 3.6V
―
2
20
ms
PLL oscillation start time
TPLL
VDD = 1.8 to 3.6V
―
1
10
Low-speed oscillation stop
detect time
*1
TSTOP
0.2
3
20
Reset pulse width
PRST
200
µs
Reset noise elimination
pulse width
PNRST
0.3
Power-on reset activation
power rise time
TPOR
10
ms
*
1 : When low-speed crystal oscillation stops for a duration more than the low-speed oscillation stop detect time, the system is
reset to shift to system reset mode.
*
2 : Use 32.768KHz Crystal Oscillator C-001R (Epson Toyocom) with capacitance C
GL/CDL=0pF.
*
3 : Use 4.096MHz Crystal Oscillator HC49SFWB (Kyocera).
*
4 : 1024 clock average.
[Reset pulse width]
[Power-on reset activation power rise time]
PRST
VDD
0.9xVDD
0.1xVDD
TPOR
Power-on reset activation power rise time (TPOR )
Reset pulse width (PRST)
RESET_N
VIL1
VIL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com