Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
FEDL610421-02
ML610421
20/31
DC CHARACTERISTICS (3/5)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified) (3/5)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
BLD threshold
voltage
VBLD
VDD = 1.35 to 3.6V
LD2–0 = 0H
Typ.
−2%
1.35
Typ.
+2%
V
1
LD2–0 = 1H
1.4
LD2–0 = 2H
1.45
LD2–0 = 3H
1.5
LD2–0 = 4H
1.6
LD2–0 = 5H
1.7
LD2–0 = 6H
1.8
LD2–0 = 7H
1.9
LD2–0 = 8H
2.0
LD2–0 = 9H
2.1
LD2–0 = 0AH
2.2
LD2–0 = 0BH
2.3
LD2–0 = 0CH
2.4
LD2–0 = 0DH
2.5
LD2–0 = 0EH
2.7
LD2–0 = 0FH
2.9
BLD threshold
voltage
temperature
deviation
∆V
BLD
VDD = 1.35 to 3.6V
0
%/
°C
Supply current 1
IDD1
CPU: In STOP state.
Low-speed/high-speed oscillation:
stopped.
Ta = 25
°C
0.15
0.50
µA
Ta = -20 to +70
°C
2.50
Supply current 2
IDD2
CPU: In HALT state (LTBC, WDT:
Operating
*
3*5).
High-speed oscillation: Stopped.
LCD/BIAS circuits: Stopped.
Ta = 25
°C
0.5
1.3
µA
Ta = -20 to +70
°C
3.5
Supply current 3
IDD3
CPU: In 32.768kHz operating
state.*
1*3
High-speed oscillation: Stopped.
LCD/BIAS circuits: Operating.*
2
Ta = 25
°C
5
7
µA
Ta = -20 to +70
°C
12
Supply current 4
IDD4
CPU: In 500kHz CR operating
state.
LCD/BIAS circuits: Operating.*
2
Ta = 25
°C
70
85
µA
Ta = -20 to +70
°C
100
Supply current 5
IDD5
CPU: In 4.096MHz operating
state.*
2*3
PLL: In oscillating state.
LCD/BIAS circuits: Operating. *
2
VDD = 1.8 to 3.6V
Ta = 25
°C
0.8
1.0
mA
Ta = -20 to +70
°C
1.2
Supply current 6
IDD6
CPU: In 4.096MHz operating
state.*
2
PLL: In oscillating state. *
3*4
A/D: In operating state.
LCD/BIAS circuits: Operating. *
2
VDD = AVDD = 3.0V
Ta = 25
°C
1.5
1.6
mA
Ta = -20 to +70
°C
2.5
*
1 : When the CPU operating rate is 100% (No HALT state).
*
2 : All SEGs: off waveform, No LCD panel load, 1/3 bias, 1/3 duty, Frame frequency: Approx. 64 Hz, Bias voltage multiplying
clock: 1/128 LSCLK (256Hz)
*
3 : Use 32.768KHz Crystal Oscillator C-001R (Epson Toyocom) with capacitance C
GL/CDL=0pF.
*
4 : Use 4.096MHz Crystal Oscillator HC49SFWB (Kyocera).
*
5 : Significant bits of BLKCON0~BLKCON4 registers are all “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com