Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
FEDL610421-02
ML610421
29/31
Electrical Characteristics of Successive Approximation Type A/D Converter
(VDD = 1.8 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Resolution
n
12
bit
Integral non-linearity error
IDL
2.7V
≤ V
REF ≤ 3.6V
−4
+4
LSB
2.2V
≤ V
REF ≤ 2.7V
−6
+6
Differential non-linearity error
DNL
2.7V
≤ V
REF ≤ 3.6V
−3
+3
2.2V
≤ V
REF ≤ 2.7V
−5
+5
Zero-scale error
VOFF
−6
+6
Full-scale error
FSE
−6
+6
Reference voltage
VREF
2.2
AVDD
V
Conversion time
tCONV
SACK = 0
(HSCLK = 375kHz to 625kHz)
25
φ/CH
SACK = 1
(HSCLK = 1.5MHz to 4.2MHz)
112
φ: Period of high-speed clock (HSCLK)
A
VDD
AVDD
VREF
VDDL
VDDX
VSS
AVSS
Analog input
1
µF
−
RI
≤5kΩ
0.1
µF
0.1
µF
AIN0,
AIN1
10
µF
0.1
µF
+
1
µF
Reference
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com