Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
FEDL610421-02
ML610421
27/31
AC CHARACTERISTICS (I
2C Bus Interface: Standard Mode 100kHz)
(VDD = 1.8 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
100
kHz
SCL hold time
(start/restart condition)
tHD:STA
4.0
µs
SCL ”L” level time
tLOW
4.7
µs
SCL ”H” level time
tHIGH
4.0
µs
SCL setup time
(restart condition)
tSU:STA
4.7
µs
SDA hold time
tHD:DAT
0
µs
SDA setup time
tSU:DAT
0.25
µs
SDA setup time
(stop condition)
tSU:STO
4.0
µs
Bus-free time
tBUF
4.7
µs
AC CHARACTERISTICS (I2C Bus Interface: Fast Mode 400kHz)
(VDD = 1.8 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
400
kHz
SCL hold time
(start/restart condition)
tHD:STA
0.6
µs
SCL ”L” level time
tLOW
1.3
µs
SCL ”H” level time
tHIGH
0.6
µs
SCL setup time
(restart condition)
tSU:STA
0.6
µs
SDA hold time
tHD:DAT
0
µs
SDA setup time
tSU:DAT
0.1
µs
SDA setup time
(stop condition)
tSU:STO
0.6
µs
Bus-free time
tBUF
1.3
µs
P41/SCL
P40/SDA
Start
condition
Restart
condition
Stop
condition
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA tHD:STA
tSU:DAT
tHD:DAT
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com