Electronic Components Datasheet Search
  English  ▼

X  

ML610421 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
FEDL610421-02
ML610421
25/31
AC CHARACTERISTICS (External Interrupt)
(VDD = 1.1 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
External interrupt disable period
TNUL
Interrupt: Enabled (MIE = 1),
CPU: NOP operation
System clock: 32.768kHz
76.8
106.8
µs
AC CHARACTERISTICS (UART)
(VDD = 1.3 to 3.6V, AVDD = 2.2 to 3.6V, VSS = AVSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Transmit baud rate
tTBRT
BRT*
1
s
Receive baud rate
tRBRT
BRT*
1
−3%
BRT*
1
BRT*
1
+3%
s
*
1: Baud rate period (including the error of the clock frequency selected) set with the UART0 baud rate register (UA0BRTL,H)
and the UART0 mode register 0 (UA0MOD0).
tNUL
P00–P03
(Rising-edge interrupt)
P00–P03
(Falling-edge interrupt)
NMI, P00–P03
(Both-edge interrupt)
tNUL
tNUL
tRBRT
TXD0*
RXD0*
*: Indicates the secondary function of the port.
tTBRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com