Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 18 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 18 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 14Page - SMSC Corporation COM20022I Datasheet HTML 15Page - SMSC Corporation COM20022I Datasheet HTML 16Page - SMSC Corporation COM20022I Datasheet HTML 17Page - SMSC Corporation COM20022I Datasheet HTML 18Page - SMSC Corporation COM20022I Datasheet HTML 19Page - SMSC Corporation COM20022I Datasheet HTML 20Page - SMSC Corporation COM20022I Datasheet HTML 21Page - SMSC Corporation COM20022I Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 18
SMSC COM20022I
DATASHEET
AD0-AD7
nINT1
RESET
nRD
nWR
A15
AD0-AD2, D3-D7
nCS
nRESET
nRD/nDS
nWR/DIR
nINTR
A2/BALE
ALE
XTAL1
XTAL2
GND
RXIN
nPULSE1
nPULSE2
nTXEN
8051
COM2002I
Differential Driver
Configuration
Media Interface
may be replaced
with Figure A, B or C.
*
RXIN
nPULSE1
nPULSE2
TXEN
GND
+5V
100 Ohm
BACKPLANE CONFIGURATION
FIGURE A
RXIN
nPULSE1
FIGURE B
Receiver
HFD3212-002
2
+5V
7
6
Transmitter
HFE4211-014
+5V
3
2 Fiber Interface
(ST Connectors)
2
6
7
NOTE: COM20022I must be in backplane
75176B or
Equiv.
A0/nMUX
27 pF
27 pF
XTAL2
XTAL1
20 MHz
XTAL
Figure 5.1
- Multiplexed, 8051-Like Bus Interface with RS-485 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com