Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 26 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 26 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 22Page - SMSC Corporation COM20022I Datasheet HTML 23Page - SMSC Corporation COM20022I Datasheet HTML 24Page - SMSC Corporation COM20022I Datasheet HTML 25Page - SMSC Corporation COM20022I Datasheet HTML 26Page - SMSC Corporation COM20022I Datasheet HTML 27Page - SMSC Corporation COM20022I Datasheet HTML 28Page - SMSC Corporation COM20022I Datasheet HTML 29Page - SMSC Corporation COM20022I Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 26
SMSC COM20022I
DATASHEET
Figure 5.7
- High Speed CPU Bus Timing - Intel CPU Mode
The I/O address and Chip Select signals, which are supplied to the data output logic, are not sampled.
Also, the nRD signal is not delayed, because the above sampling and delaying paths decrease the data
access time of the read cycle.
The above sampling and delaying signals are supplied to the Read Pulse Generation logic which
generates the clearing pulse for the Diagnostic register and generates the starting pulse of the RAM
Arbitration. Typical delay time between nRD and nRD1 is around 15nS and between nRD1 and nRD2 is
around 10nS.
Longer pulse widths are needed due to these delays on nRD signal. However, the CPU can insert some
wait cycles to extend the width without any impact on performance.
The BUSTMG pin is used to support this function. It is used to Enable/Disable the High Speed CPU Read
and Write function. It is defined as: BUSTMG = 0, the High Speed CPU Read and Write operations are
enabled; BUSTMG = 1, the High Speed CPU Read and Write operations are disabled if the RBUSTMG bit
is 0. If BUSTMG = 1 and RBUSTMG = 1, High Speed CPU Read operations are enabled (see definition of
RBUSTMG bit below).
The RBUSTMG bit was added to Disable/Enable the High Speed CPU Read function. It is defined as:
RBUSTMG=0, Disabled (Default); RBUSTMG=1, Enabled.
In the MOTOROLA CPU mode (DIR, nDS mode), the same modifications apply.
BUSTMG PIN
RBUSTMG BIT
BUS TIMING MODE
0
X
High Speed CPU Read and Write
1
0
Normal Speed CPU Read and Write
1
1
High Speed CPU Read and Normal Speed CPU Write
5.2
Transmission Media Interface
The bottom halves of Figure 5.1 and Figure 5.2 illustrate the COM20022I interface to the transmission
media used to connect the node to the network. Table 5.1 lists different types of cable which are suitable
for ARCNET applications. The user may interface to the cable of choice in one of three ways:
A2-A0, nCS
nRD
Delayed nRD
(nRD1)
Sampled A2-A0, nCS
More delayed nRD
(nRD2)
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com