Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 20 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 20 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 16Page - SMSC Corporation COM20022I Datasheet HTML 17Page - SMSC Corporation COM20022I Datasheet HTML 18Page - SMSC Corporation COM20022I Datasheet HTML 19Page - SMSC Corporation COM20022I Datasheet HTML 20Page - SMSC Corporation COM20022I Datasheet HTML 21Page - SMSC Corporation COM20022I Datasheet HTML 22Page - SMSC Corporation COM20022I Datasheet HTML 23Page - SMSC Corporation COM20022I Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 20
SMSC COM20022I
DATASHEET
5.1.1
Selection of 8/16-Bit Access
The interface to the internal RAM is software selectable as either 8 or 16-bit. This feature is new to the
COM20022I. The D15-D8 pins are the upper-byte data bus pins. The nIOCS16 pin is the 16-bit I/O access
enable output pin. This pin is active low for a 16-bit RAM access by the CPU (not a DMA access).
The 16-bit access mode is enabled and disabled through the W16 bit located in the Bus Control Register
at bit 7. The SWAP bit is used to swap the upper and lower data bytes in 16-bit mode, as shown in the
table below. The SWAP bit is located at bit 0 of Address Low Pointer. This location is same as the A0 bit;
when 16 bit access is enabled (W16 =1), the A0 bit becomes the SWAP bit.
DETECTED HOST I/F MODE
SWAP BIT (NOTE)
D15-D8 PINS
D7-D0 PINS
Intel 80xx Mode
(RD,WR Mode)
0
1
Odd
Even
Even
Odd
Motorola 68xx Mode
(DIR, DS Mode)
0
1
Even
Odd
Odd
Even
Note:
The SWAP bit is undefined after a hardware reset
As shown on the table above, even address data is to/from D7-D0 pins and odd address data is to/from
D15-D8 pins when detected host interface mode is Intel 80xx mode and the SWAP bit is not set. The odd
address data is to/from the D7-D0 pins and the even address data is to/from D15-D8 pins when detected
host interface mode is Motorola 68xx mode and the SWAP bit is not set.
When disabling 16-bit access, the D15-D8 pins are always Hi-Z. The D15-D8 pins are Hi-Z when enabling
16-bit access except for internal RAM access.
W16 bit and SWAP bit influence both the CPU cycle and DMA cycle.
5.1.2
DMA Transfers To And From Internal RAM
The COM20022I supports DMA transfers to and from the internal RAM. This feature is new to the
COM20022I. The software selectable 8/16 bit interface to the RAM pertains to DMA transfers. When the
W16 bit=0, the microcontroller interface and DMA transfers are both 8-bit data transfers to/from internal
RAM. When W16=1 they are both 16-bit data transfers. An 8-bit microcontroller interface and 16-bit DMA
data transfer cannot be selected; they must be the same width data transfers to/from internal RAM.
The data swapping operation on 16-bit data transfers also pertains to both.
The DMA interface consists of several added pins. The DREQ pin is the DMA Request output pin. The
active polarity of this pin is programmable; the default is active-high. The nDACK pin is the active-low DMA
acknowledge input pin. The TC pin is the external terminal count input pin. This pin determines when the
nDACK pin is active. It’s active polarity is programmable; the default is active-high. The nREFEX pin is the
active-low refresh execution pulse input pin.
The DMA interface is controlled by the following bits. The DMAEND bit selects whether or not to mask the
interrupt upon finishing the DMA. This bit is located at bit 4 of the Mask register. The DMAEN bit is used to
disable/enable the assertion of the DMA Request (DREQ pin) after writing the Address Pointer Low
register. This bit is located in the Address Pointer High register, bit 3. The following bits are located in the
Bus Control Register: DRPOL, TCPOL and DMAMD[1,0]. The DRQPOL bit sets the active polarity of the
DREQ pin; the TCPOL bit sets the active polarity of the TC pin; the DMAMD[1,0] bits select the data
transfer mode of the DMA.
The ITCEN/RTRG bit has one of two functions, depending on the DMA transfer mode selected. ITCEN is
the Internal Terminal Counter Enable. It is used to select whether the DMA is terminated by external TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com