Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 55 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 55 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 51Page - SMSC Corporation COM20022I Datasheet HTML 52Page - SMSC Corporation COM20022I Datasheet HTML 53Page - SMSC Corporation COM20022I Datasheet HTML 54Page - SMSC Corporation COM20022I Datasheet HTML 55Page - SMSC Corporation COM20022I Datasheet HTML 56Page - SMSC Corporation COM20022I Datasheet HTML 57Page - SMSC Corporation COM20022I Datasheet HTML 58Page - SMSC Corporation COM20022I Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 55
Rev. 08-18-03
DATASHEET
The user may then attempt a new ID value, wait 210mS before checking the Duplicate ID bit, and repeat
the process until a unique Node ID is found. At this point, the TX Enable bit may be set to allow the node
to join the network. Once the node joins the network, a reconfiguration occurs, as usual, thus setting the
MYRECON bit of the Diagnostic Status Register.
The Tentative ID Register may be used to build a network map of all the nodes on the network, even once
the COM20022I has joined the network. Once a value is placed in the Tentative ID Register, the
COM20022I looks for a response to a token whose DID matches the Tentative ID Register. The software
can record this information and continue placing Tentative ID values into the register to continue building
the network map. A complete network map is only valid until nodes are added to or deleted from the
network. Note that a node cannot detect the existence of the next logical node on the network when using
the Tentative ID. To determine the next logical node, the software should read the Next ID Register.
6.10
Improved Diagnostics
The COM20022I allows the user to better manage the operation of the network through the use of the
internal Diagnostic Status Register.
A high level on the My Reconfiguration (MYRECON) bit indicates that the Token Reception Timer of this
node expired, causing a reconfiguration by this node. After the Reconfiguration (RECON) bit of the Status
Register interrupts the microcontroller, the interrupt service routine will typically read the MYRECON bit of
the Diagnostic Status Register.
Reading the Diagnostic Status Register resets the MYRECON bit.
Successive occurrences of a logic "1" on the MYRECON bit indicates that a problem exists with this node.
At that point, the transmitter should be disabled so that the entire network is not held down while the node
is being evaluated.
The Duplicate ID (DUPID) bit is used before the node joins the network to ensure that another node with
the same ID does not exist on the network. Once it is determined that the ID in the Node ID Register is
unique, the software should write a logic "1" to bit 5 of the Configuration Register to enable the basic
transmit function. This allows the node to join the network.
The Receive Activity (RCVACT) bit of the Diagnostic Status Register will be set to a logic "1" whenever
activity (logic "1") is detected on the RXIN pin.
The Token Seen (TOKEN) bit is set to a logic "1" whenever any token has been seen on the network
(except those tokens transmitted by this node).
The RCVACT and TOKEN bits may help the user to troubleshoot the network or the node. If unusual
events are occurring on the network, the user may find it valuable to use the TXEN bit of the Configuration
Register to qualify events. Different combinations of the RCVACT, TOKEN, and TXEN bits, as shown
indicate different situations:
6.10.1 Normal Results:
RCVACT=1, TOKEN=1, TXEN=0: The node is not part of the network. The network is operating properly
without this node.
RCVACT=1, TOKEN=1, TXEN=1: The node sees receive activity and sees the token. The basic transmit
function is enabled. Network and node are operating properly.
MYRECON=0, DUPID=0, RCVACT=1, TXEN=0, TOKEN=1: Single node network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com